| 전자부품 데이터시트 검색엔진 |
|
HC705MC4GRS/D 데이터시트(PDF) 127 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D 데이터시트(HTML) 127 Page - NXP Semiconductors |
|
127 / 180 page ![]() Serial Communications Interface SCI Operation General Release Specification Serial Communications Interface 11.5.2.4 Receiver Noise Immunity The data recovery logic samples each bit 16 times to identify and verify the start bit and to detect noise. Any conflict between noise-detection samples sets the noise flag (NF) in the SCSR. The NF bit is set at the same time that the RDRF bit is set. 11.5.2.5 Framing Errors If the data recovery logic does not detect a logic 1 where the stop bit should be in an incoming character, it sets the framing error (FE) bit in the SCSR. The FE bit is set at the same time that the RDRF bit is set. 11.5.2.6 Receiver Interrupts All SCI interrupt sources share the same interrupt vector at address $0FF2. The following sources can generate SCI receiver interrupt requests: • Receive Data Register Full (RDRF) — The RDRF bit in the SCSR indicates that the receive shift register has transferred a character to the SCDR. • Receiver Overrun (OR) — The OR bit in the SCSR indicates that the receive shift register shifted in a new character before the previous character was read from the SCDR. • Idle Input (IDLE) — The IDLE bit in the SCSR indicates that 10 or 11 consecutive logic 1s shifted in from the PD5/RDI pin. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |