| 전자부품 데이터시트 검색엔진 |
|
HC705MC4GRS/D 데이터시트(PDF) 178 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D 데이터시트(HTML) 178 Page - NXP Semiconductors |
|
178 / 180 page ![]() Ordering Information MC68HC705MC4 — Rev. 2.0 Ordering Information 16.3 MC Order Numbers The following table shows the MC order numbers for the available package types. MC Order Number Operating Temperature Range MC68HC705MC4P (Standard) –0 to 70 °C MC68HC705MC4CP (Extended) –40 to 85 °C MC68HC705MC4VP (Automotive) –40 to 105 °C MC68HC705MC4MP (Automotive) –40 to 125 °C MC68HC705MC4DW (Standard) –0 to 70 °C MC68HC705MC4CDW (Extended) –40 to 85 °C MC68HC705MC4VDW (Automotive) –40 to 105 °C MC68HC705MC4MDW (Automotive) –40 to 125 °C MC68HC705MC4S (Standard) –0 to 70 °C MC68HC705MC4CS (Extended) –40 to 85 °C MC68HC705MC4VS (Automotive) –40 to 105 °C MC68HC705MC4MS (Automotive) –40 to 125 °C NOTE: P = Plastic Dual In-Line Package (PDIP) DW = Small Outline Integrated Circuit (SOIC) Package S = Ceramic Dual In-Line (Cerdip) Package Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |