전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7260E2M1/XXX 데이터시트(PDF) 115 Page - STMicroelectronics

부품명 ST7260E2M1/XXX
상세설명  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260E2M1/XXX 데이터시트(HTML) 115 Page - STMicroelectronics

Back Button ST7260E2M1/XXX Datasheet HTML 109Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 110Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 111Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 112Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 113Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 114Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 115Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 116Page - STMicroelectronics ST7260E2M1/XXX Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
ST7260
115/117
Figure 68. Identifying Silicon Revision from Device Marking and Box Label
Bulk ID
Marking
Trace code
Total Qty
TYPE
XXXXXXXXXXXX
XXXXXXXXXX
B
XXXXXXXXX
XX XX
XX
xxxxxxxxxxx$x7
ST7xxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
1. Identify the silicon revision letter from either the device package or the box label.
For example, “B”, etc.
2. If the revision letter is not present, obtain the silicon revision by contacting your local ST
office with the trace code information printed on either the box label or the device package.
Device package example
Example box label
The silicon revision can be identified either by Rev letter or obtained via a trace code.
Follow the procedure below:
Silicon Rev
Trace code
Silicon Rev



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More