전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMSTA55 데이터시트(PDF) 5 Page - Nexperia B.V. All rights reserved

부품명 PMSTA55
상세설명  500 mA PNP general-purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMSTA55 데이터시트(HTML) 5 Page - Nexperia B.V. All rights reserved

  PMSTA55 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMSTA55 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMSTA55 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMSTA55 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMSTA55 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMSTA55 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMSTA55 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMSTA55 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© Nexperia B.V. 2017. All rights reserved
PMSTA55_56_5
Product data sheet
Rev. 05 — 1 February 2010
5 of 8
Nexperia
PMSTA55; PMSTA56
500 mA PNP general-purpose transistors
10. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PMSTA55_56_5
20100201
Product data sheet
-
PMSTA55_56_N_4
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Section 1 “Product profile”: amended
• Table 2 “Pinning”: amended
• Section 3 “Ordering information”: added
• Section 4 “Marking”: amended
• Figure 1: superseded by minimized package outline drawing
• Section 9 “Packing information”: added
• Section 11 “Legal information”: updated
PMSTA55_56_N_4
20080117
Product data sheet
-
PMSTA55_56_3
PMSTA55_56_3
19990422
Product specification
-
PMSTA55_56_2
PMSTA55_56_2
19980721
Product specification
-
PMSTA55_56_1
PMSTA55_56_1
19970602
Product specification
-
-


유사한 부품 번호 - PMSTA55

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMSTA55 PHILIPS-PMSTA55 Datasheet
32Kb / 8P
PNP general purpose transistors
1997 Jun 02
PMSTA55 NXP-PMSTA55 Datasheet
93Kb / 8P
500 mA PNP general-purpose transistors
Rev. 05-1 February 2010
More results

유사한 설명 - PMSTA55

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMSTA55 NXP-PMSTA55 Datasheet
93Kb / 8P
500 mA PNP general-purpose transistors
Rev. 05-1 February 2010
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
BC807 NXP-BC807 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC807W-115 PHILIPS-BC807W-115 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807-25QA NEXPERIA-BC807-25QA Datasheet
898Kb / 15P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 30 August 2013
BC806W_SER NEXPERIA-BC806W_SER Datasheet
247Kb / 12P
80 V, 500 mA PNP general-purpose transistors
Rev. 2 - 27 November 2019
BC807-Q_SER NEXPERIA-BC807-Q_SER Datasheet
302Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 June 2021
BC807QB_SER NEXPERIA-BC807QB_SER Datasheet
317Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 10 December 2020
BC807QC-Q_SER NEXPERIA-BC807QC-Q_SER Datasheet
332Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 2 - 4 May 2021
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
50 V, 500 mA PNP general-purpose transistors
3 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com