| 전자부품 데이터시트 검색엔진 |
|
ICS1893CFILFT 데이터시트(PDF) 106 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILFT 데이터시트(HTML) 106 Page - Renesas Technology Corp |
|
106 / 127 page ![]() ICS1893CF, Rev. K, 05/13/10 May, 2010 106 Chapter 9 DC and AC Operating Conditions ICS1893CF Data Sheet - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. 9.5.4 100M MII: Synchronous Transmit Timing Table 9-11 lists the significant time periods for the 100M MII Interface synchronous transmit timing. The time periods consist of timings of signals on the following pins: • TXCLK • TXD[3:0] • TXEN • TXER Figure 9-5 shows the timing diagram for the time periods. Figure 9-5. 100M MII / 100M Stream Interface Synchronous Transmit Timing Diagram Table 9-11. 100M MII / 100M Stream Interface: Synchronous Transmit Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXD[3:0], TXEN, TXER Setup to TXCLK Rise – 15 – – ns t2 TXD[3:0], TXEN, TXER Hold after TXCLK Rise – 0 – – ns t1 t2 TXCLK TXD[3:0] TXEN TXER |