전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS1893CKILF 데이터시트(PDF) 111 Page - Renesas Technology Corp

부품명 ICS1893CKILF
상세설명  3.3-V 10Base-T/100Base-TX Integrated PHYceiver™
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893CKILF 데이터시트(HTML) 111 Page - Renesas Technology Corp

Back Button ICS1893CKILF Datasheet HTML 107Page - Renesas Technology Corp ICS1893CKILF Datasheet HTML 108Page - Renesas Technology Corp ICS1893CKILF Datasheet HTML 109Page - Renesas Technology Corp ICS1893CKILF Datasheet HTML 110Page - Renesas Technology Corp ICS1893CKILF Datasheet HTML 111Page - Renesas Technology Corp ICS1893CKILF Datasheet HTML 112Page - Renesas Technology Corp ICS1893CKILF Datasheet HTML 113Page - Renesas Technology Corp ICS1893CKILF Datasheet HTML 114Page - Renesas Technology Corp ICS1893CKILF Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 127 page
background image
Chapter 9 DC and AC Operating Conditions
ICS1893CF, Rev. K, 05/13/10
May, 2010
111
ICS1893CF Data Sheet Rev. J - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
9.5.9 10M Media Independent Interface: Transmit Latency
Table 9-16 lists the significant time periods for the 10M MII transmit latency. The time periods consist of
timings of signals on the following pins:
• TXEN
• TXCLK
• TXD (that is, TXD[3:0])
• TP_TX (that is, TP_TXP and TP_TXN)
Figure 9-10 shows the timing diagram for the time periods.
Figure 9-10. 10M MII Transmit Latency Timing Diagram
Table 9-16. 10M MII Transmit Latency Timing
Time
Period
Parameter
Conditions
Min.
Typ. Max.
Units
t1
TXD Sampled to MDI Output of First Bit
10M MII
–
1.2
2
Bit times
TXCLK
TXEN
TXD
† Manchester
encoding is
not shown.
55
5
t1
TP_TX†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More