전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT7280 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 IDT7280
상세설명  CMOS DUAL ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT7280 데이터시트(HTML) 3 Page - Renesas Technology Corp

  IDT7280 Datasheet HTML 1Page - Renesas Technology Corp IDT7280 Datasheet HTML 2Page - Renesas Technology Corp IDT7280 Datasheet HTML 3Page - Renesas Technology Corp IDT7280 Datasheet HTML 4Page - Renesas Technology Corp IDT7280 Datasheet HTML 5Page - Renesas Technology Corp IDT7280 Datasheet HTML 6Page - Renesas Technology Corp IDT7280 Datasheet HTML 7Page - Renesas Technology Corp IDT7280 Datasheet HTML 8Page - Renesas Technology Corp IDT7280 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT7280/7281/7282/7283/7284/7285 5V ASYNCHRONOUS FIFO
DUAL 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
JUNE 29, 2012
Commercial
Commercial & Industrial(2)
IDT7280L12
IDT7280L15
IDT7281L12
IDT7281L15
IDT7282L12
IDT7282L15
IDT7283L12
IDT7283L15
IDT7284L12
IDT7284L15
IDT7285L12
IDT7285L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tS
ShiftFrequency
50
40
MHz
tRC
Read Cycle Time
20
25
ns
tA
AccessTime
12
15
ns
tRR
ReadRecoveryTime
8
10
ns
tRPW
ReadPulseWidth(3)
12
15
ns
tRLZ
Read Pulse Low to Data Bus at Low Z(4)
3—
3
ns
tWLZ
WritePulseHightoDataBusatLowZ(4,5)
5—
5
ns
tDV
DataValidfromReadPulseHigh
5
5
ns
tRHZ
Read Pulse High to Data Bus at High Z(4)
—12
15
ns
tWC
WriteCycleTime
20
25
ns
tWPW
WritePulseWidth(3)
12
15
ns
tWR
WriteRecoveryTime
8
10
ns
tDS
DataSet-upTime
9
11
ns
tDH
DataHoldTime
0
0
ns
tRSC
Reset Cycle Time
20
25
ns
tRS
ResetPulseWidth(3)
12
15
ns
tRSS
ResetSet-upTime(4)
12
15
ns
tRSR
ResetRecoveryTime
8
10
ns
tRTC
RetransmitCycleTime
20
25
ns
tRT
RetransmitPulseWidth(3)
12
15
ns
tRTS
RetransmitSet-upTime(4)
12
15
ns
tRTR
RetransmitRecoveryTime
8
10
ns
tEFL
Reset to Empty Flag Low
12
25
ns
tHFH,FFH
ResettoHalf-FullandFullFlagHigh
17
25
ns
tRTF
RetransmitLowtoFlagsValid
20
25
ns
tREF
Read Low to Empty Flag Low
12
15
ns
tRFF
Read High to Full Flag High
14
15
ns
tRPE
ReadPulseWidthafterEFHigh
12
15
ns
tWEF
Write High to Empty Flag High
12
15
ns
tWFF
Write Low to Full Flag Low
14
15
ns
tWHF
WriteLowtoHalf-FullFlagLow
17
25
ns
tRHF
ReadHightoHalf-FullFlagHigh
17
25
ns
tWPF
WritePulseWidthafterFFHigh
12
15
ns
tXOL
Read/WritetoXOLow
12
15
ns
tXOH
Read/WritetoXOHigh
12
15
ns
tXI
XIPulseWidth(3)
12
15
ns
tXIR
XI Recovery Time
8
10
ns
tXIS
XISet-upTime
8
10
ns
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Industrial temperature range product for the 15ns speed grade is available as a standard device.
3. Pulse widths less than minimum value are not allowed.
4. Values guaranteed by design, not currently tested.
5. Only applies to read data flow-through mode.
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)


유사한 부품 번호 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
More results

유사한 설명 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com