전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT7280 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 IDT7280
상세설명  CMOS DUAL ASYNCHRONOUS FIFO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT7280 데이터시트(HTML) 4 Page - Renesas Technology Corp

  IDT7280 Datasheet HTML 1Page - Renesas Technology Corp IDT7280 Datasheet HTML 2Page - Renesas Technology Corp IDT7280 Datasheet HTML 3Page - Renesas Technology Corp IDT7280 Datasheet HTML 4Page - Renesas Technology Corp IDT7280 Datasheet HTML 5Page - Renesas Technology Corp IDT7280 Datasheet HTML 6Page - Renesas Technology Corp IDT7280 Datasheet HTML 7Page - Renesas Technology Corp IDT7280 Datasheet HTML 8Page - Renesas Technology Corp IDT7280 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT7280/7281/7282/7283/7284/7285 5V ASYNCHRONOUS FIFO
DUAL 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
JUNE 29, 2012
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 – D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (RS)
ResetisaccomplishedwhenevertheReset(RS)inputistakentoaLOWstate.
During reset, both internal read and write pointers are set to the first location.
Aresetisrequiredafterpowerupbeforeawriteoperationcantakeplace.Both
the Read Enable (R) and Write Enable (W) inputs must be in the HIGH
state during the window shown in Figure 2, (i.e., tRSS before the rising
edge of RS) and should not change until tRSR after the rising edge of
RS. Half-Full Flag (HF) will be reset to HIGH after Reset (RS).
WRITE ENABLE (W)
A write cycle is initiated on the falling edge of this input if the Full Flag (FF)
isnotset.Dataset-upandholdtimesmustbeadheredtowithrespecttotherising
edgeoftheWriteEnable(W).DataisstoredintheRAMarraysequentiallyand
independently of any on-going read operation.
After half of the memory is filled and at the falling edge of the next write
operation,theHalf-FullFlag(HF)willbesettoLOWandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal to
onehalfofthetotalmemoryofthedevice.TheHalf-FullFlag(HF)isthenreset
by the rising edge of the read operation.
Topreventdataoverflow,theFullFlag(FF)willgoLOW,inhibitingfurther
write operations. Upon the completion of a valid read operation, the Full Flag
(FF) will go HIGH after tRFF, allowing a valid write to begin. When the FIFO is
full, the internal write pointer is blocked from W, so external changes in Wwill
notaffecttheFIFOwhenitisfull.
READ ENABLE (R)
AreadcycleisinitiatedonthefallingedgeoftheReadEnable(R)provided
theEmptyFlag(EF)isnotset.ThedataisaccessedonaFirst-In/First-Outbasis,
independent of any ongoing write operations. After Read Enable (R) goes
HIGH,theDataOutputs(Q0–Q8)willreturntoahighimpedanceconditionuntil
thenextReadoperation.WhenalldatahasbeenreadfromtheFIFO,theEmpty
Flag (EF) will go LOW, allowing the “final” read cycle but inhibiting further read
operations with the data outputs remaining in a high impedance state. Once a
valid write operation has been accomplished, the Empty Flag (EF)willgoHIGH
aftertWEFandavalidReadcanthenbegin.WhentheFIFOisempty,theinternal
read pointer is blocked from Rso external changes in Rwill not affect the FIFO
when it is empty.
FIRST LOAD/RETRANSMIT (FL/RT)
This is a dual-purpose input. In the Depth Expansion Mode, this pin is
groundedtoindicatethatitisthefirstloaded(seeOperatingModes). IntheSingle
DeviceMode,thispinactsastheretransmitinput.TheSingleDeviceModeis
initiated by grounding the Expansion In (XI).
ThesedevicescanbemadetoretransmitdatawhentheRetransmitEnable
control(RT)inputispulsedLOW. Aretransmitoperationwillsettheinternalread
pointertothefirstlocationandwillnotaffectthewritepointer.ReadEnable(R)
andWriteEnable(W)mustbeintheHIGHstateduringretransmit.Thisfeature
is useful when less than 256/512/1,024/2,048/4,096/8,192 writes are per-
formedbetweenresets.TheretransmitfeatureisnotcompatiblewiththeDepth
Expansion Mode and will affect the Half-Full Flag (HF), depending on the
relative locations of the read and write pointers.
EXPANSION IN (XI)
Thisinputisadual-purposepin. ExpansionIn(XI)isgroundedtoindicate
an operation in the single device mode. Expansion In (XI) is connected to
Expansion Out (XO) of the previous device in the Depth Expansion or Daisy
Chain Mode.
OUTPUTS:
FULL FLAG (FF)
TheFullFlag(FF)willgoLOW,inhibitingfurtherwriteoperation,whenthe
write pointer is one location less than the read pointer, indicating that the
deviceisfull.IfthereadpointerisnotmovedafterReset(RS),theFull-Flag(FF)
will go LOW after 256 writes for IDT7280, 512 writes for the IDT7281, 1,024
writes for the IDT7282, 2,048 writes for the IDT7283, 4,096 writes for the
IDT7284 and 8,192 writes for the IDT7285.
EMPTY FLAG (EF)
TheEmptyFlag(EF)willgoLOW,inhibitingfurtherreadoperations,when
the read pointer is equal to the write pointer, indicating that the device is
empty.
EXPANSION OUT/HALF-FULL FLAG (XO/HF)
This is a dual-purpose output. In the single device mode, when Expan-
sionIn(XI)isgrounded,thisoutputactsasanindicationofahalf-fullmemory.
After half of the memory is filled and at the falling edge of the next write
operation,theHalf-FullFlag(HF)willbesetLOWandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal
toonehalfofthetotalmemoryofthedevice.TheHalf-FullFlag(HF)isthenreset
by using rising edge of the read operation.
IntheDepthExpansionMode,ExpansionIn(XI)isconnectedtoExpansion
Out(XO)ofthepreviousdevice.Thisoutputactsasasignaltothenextdevice
in the Daisy Chain by providing a pulse to the next device when the previous
devicereachesthelastlocationofmemory.
DATA OUTPUTS (Q0 – Q8)
Data outputs for 9-bit wide data. This data is in a high impedance
condition whenever Read (R) is in a HIGH state.


유사한 부품 번호 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
More results

유사한 설명 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com