전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT7280 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 IDT7280
상세설명  CMOS DUAL ASYNCHRONOUS FIFO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT7280 데이터시트(HTML) 1 Page - Renesas Technology Corp

  IDT7280 Datasheet HTML 1Page - Renesas Technology Corp IDT7280 Datasheet HTML 2Page - Renesas Technology Corp IDT7280 Datasheet HTML 3Page - Renesas Technology Corp IDT7280 Datasheet HTML 4Page - Renesas Technology Corp IDT7280 Datasheet HTML 5Page - Renesas Technology Corp IDT7280 Datasheet HTML 6Page - Renesas Technology Corp IDT7280 Datasheet HTML 7Page - Renesas Technology Corp IDT7280 Datasheet HTML 8Page - Renesas Technology Corp IDT7280 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CMOS DUAL ASYNCHRONOUS FIFO
DUAL 256 x 9, DUAL 512 x 9,
DUAL 1,024 x 9, DUAL 2,048 x 9,
DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280
IDT7281
IDT7282
IDT7283
IDT7284
IDT7285
NOVEMBER 2017
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
©2017 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-3208/10
LEAD FINISH (SnPb) ARE IN EOL PROCESS - LAST TIME BUY EXPIRES JUNE 15, 2018
FEATURES:
••••• The IDT7280 is equivalent to two IDT7200 256 x 9 FIFOs
••••• The IDT7281 is equivalent to two IDT7201 512 x 9 FIFOs
••••• The IDT7282 is equivalent to two IDT7202 1,024 x 9 FIFOs
••••• The IDT7283 is equivalent to two IDT7203 2,048 x 9 FIFOs
••••• The IDT7284 is equivalent to two IDT7204 4,096 x 9 FIFOs
••••• The IDT7285 is equivalent to two IDT7205 8,192 x 9 FIFOs
••••• Low power consumption
— Active: 685 mW (max.)
— Power-down: 83 mW (max.)
••••• Ultra high speed—12 ns access time
••••• Asynchronous and simultaneous read and write
••••• Offers optimal combination of data capacity, small foot print
and functional flexibility
••••• Ideal for bi-directional, width expansion, depth expansion,
bus-matching, and data sorting applications
••••• Status Flags: Empty, Half-Full, Full
••••• Auto-retransmit capability
••••• High-performance CMOS technology
••••• Space-saving TSSOP
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
DESCRIPTION:
The IDT7280/7281/7282/7283/7284/7285 are dual-FIFO memories that
loadandemptydataonafirst-in/first-outbasis.Thesedevicesarefunctional
andcompatibletotwoIDT7200/7201/7202/7203/7204/7205FIFOsinasingle
packagewithallassociatedcontrol,data,andflaglinesassignedtoseparate
pins. The devices use Full and Empty flags to prevent data overflow and
underflowandexpansionlogictoallowforunlimitedexpansioncapabilityinboth
word size and depth.
Thereadsandwritesareinternallysequentialthroughtheuseofringpointers,
withnoaddressinformationrequiredtoloadandunloaddata.Dataistoggled
in and out of the devices through the use of the Write (W) and Read (R) pins.
Thedevicesutilizea9-bitwidedataarraytoallowforcontrolandparitybits
attheuser’soption.Thisfeatureis especiallyusefulindatacommunications
applicationswhereitisnecessarytouseaparitybitfortransmission/reception
errorchecking.ItalsofeaturesaRetransmit(RT)capabilitythatallowsforreset
of the read pointer to its initial position when RT is pulsed LOW to allow for
retransmissionfromthebeginningofdata.AHalf-FullFlagisavailableinthe
single device mode and width expansion modes.
TheseFIFOsarefabricatedusinghigh-speedCMOStechnology.Theyare
designed for those applications requiring asynchronous and simultaneous
read/writesinmultiprocessingandratebufferapplications.
FUNCTIONAL BLOCK DIAGRAM
WA
WRITE
CONTROL
READ
CONTROL
RA
FLAG
LOGIC
EXPANSION
LOGIC
XIA
WRITE
POINTER
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSA
FLA/RTA
XOA/HFA
FFA
EFA
WB
WRITE
CONTROL
READ
CONTROL
RB
FLAG
LOGIC
EXPANSION
LOGIC
XIB
WRITE
POINTER
RAM
ARRAY B
256 x 9
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSB
FLB/RTB
3208 drw 01
XOB/HFB
FFB
EFB
(DA0-DA8)
(DB0-DB8)
(QB0-QB8)
(QA0-QA8)
RAM
ARRAY A
256 x 9
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9


유사한 부품 번호 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
More results

유사한 설명 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com