전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT7280 데이터시트(PDF) 12 Page - Renesas Technology Corp

부품명 IDT7280
상세설명  CMOS DUAL ASYNCHRONOUS FIFO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT7280 데이터시트(HTML) 12 Page - Renesas Technology Corp

Back Button IDT7280 Datasheet HTML 4Page - Renesas Technology Corp IDT7280 Datasheet HTML 5Page - Renesas Technology Corp IDT7280 Datasheet HTML 6Page - Renesas Technology Corp IDT7280 Datasheet HTML 7Page - Renesas Technology Corp IDT7280 Datasheet HTML 8Page - Renesas Technology Corp IDT7280 Datasheet HTML 9Page - Renesas Technology Corp IDT7280 Datasheet HTML 10Page - Renesas Technology Corp IDT7280 Datasheet HTML 11Page - Renesas Technology Corp IDT7280 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-360-1753
San Jose, CA 95138
fax: 408-284-2775
email:FIFOhelp@idt.com
www.idt.com
ORDERING INFORMATION
NOTES:
1.
Industrial temperature range product for the 15ns speed grade is available as a standard device.
2.
Green parts are available. For specific speeds and packages contact your local sales office.
LEAD FINISH (SnPb) parts are in EOL process. Product Discontinuation Notice - PDN# SP-17-02
XXXX
Device Type
XXX
Speed
X
Power
X
Package
X
Process/
Temperature
Range
Blank
I(1)
7280
7281
7282
7283
7284
7285
12
15
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
256 x 9
⎯ CMOS Dual Asynchronous FIFO
512 x 9
⎯ CMOS Dual Asynchronous FIFO
1,024 x 9
⎯ CMOS Dual Asynchronous FIFO
2,048 x 9
⎯ CMOS Dual Asynchronous FIFO
4,096 x 9
⎯ CMOS Dual Asynchronous FIFO
8,192 x 9
⎯ CMOS Dual Asynchronous FIFO
L
Low Power
PA
Thin Shrink SOIC (TSSOP, SO56-2)
Access Time (tA)
Speed in Nanoseconds
3208 drw 21
Commercial Only
Commercial and Industrial
G(2)
Green
X
X
Blank
8
Tube or Tray
Tape and Reel
DATASHEET DOCUMENT HISTORY
07/13/2001
pgs. 2, 3 and 12.
01/13/2009
pg.
12.
06/29/2012
pgs. 1 and 12.
11/27/2017
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018.


유사한 부품 번호 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
More results

유사한 설명 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com