전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT7280 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 IDT7280
상세설명  CMOS DUAL ASYNCHRONOUS FIFO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT7280 데이터시트(HTML) 2 Page - Renesas Technology Corp

  IDT7280 Datasheet HTML 1Page - Renesas Technology Corp IDT7280 Datasheet HTML 2Page - Renesas Technology Corp IDT7280 Datasheet HTML 3Page - Renesas Technology Corp IDT7280 Datasheet HTML 4Page - Renesas Technology Corp IDT7280 Datasheet HTML 5Page - Renesas Technology Corp IDT7280 Datasheet HTML 6Page - Renesas Technology Corp IDT7280 Datasheet HTML 7Page - Renesas Technology Corp IDT7280 Datasheet HTML 8Page - Renesas Technology Corp IDT7280 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT7280/7281/7282/7283/7284/7285 5V ASYNCHRONOUS FIFO
DUAL 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
JUNE 29, 2012
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Com'l & Ind'l
Unit
VTERM
TerminalVoltagewith
–0.5 to +7.0
V
Respect to GND
TSTG
StorageTemperature
–55 to +125
°C
IOUT
DCOutputCurrent
–50to+50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
InputRise/FallTimes
5ns
InputTimingReferenceLevels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
CAPACITANCE (TA=+25oC,f=1.0MHz)
Symbol
Parameter
Condition
Max.
Unit
CIN
InputCapacitance
VIN = 0V
8
pF
COUT
OutputCapacitance
VOUT = 0V
8
pF
NOTE:
1. Characterized values, not currently tested.
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
SupplyVoltage
4.5
5.0
5.5
V
GND
SupplyVoltage
0
0
0
V
VIH(1)
InputHighVoltage
2.0
V
VIL(2)
InputLowVoltage
0.8
V
TA
OperatingTemperature
0
70
°C
Commercial
TA
OperatingTemperature
–40
85
°C
Industrial
NOTES:
1. For RT/RS/XI input, VIH = 2.6V (commercial).
2. 1.5V undershoots are allowed for 10ns once per cycle.
RECOMMENDED DC OPERATING
CONDITIONS
TSSOP (SO56-2, order code: PA)
TOP VIEW
FFA
QA0
QA1
QA2
QA3
QA8
GND
RA
QA4
QA5
QA6
QA7
XOA/HFA
EFA
FFB
QB0
QB1
QB2
QB3
QB8
GND
RB
QB4
QB5
QB6
QB7
XOB/HFB
EFB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
XIA
DA0
DA1
DA2
DA3
DA8
WA
VCC
DA4
DA5
DA6
DA7
FLA/RTA
RSA
XIB
DB0
DB1
DB2
DB3
DB8
WB
VCC
DB4
DB5
DB6
DB7
FLB/RTB
RSB
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
3208 drw 02
3208 drw 03
30pF*
1.1K
5V
TO
OUTPUT
PIN
680
Ω
or equivalent circuit
IDT7280L
IDT7283L
IDT7281L
IDT7284L
IDT7282L
IDT7285lL
Commercial & Industrial(1)
Commercial & Industrial(1)
tA = 12, 15 ns
tA = 12, 15 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
ILI(2)
InputLeakageCurrent(AnyInput)
–1
1
–1
μA
ILO(3)
OutputLeakageCurrent
–10
10
–10
10
μA
VOH
OutputLogic“1”Voltage
IOH = –2mA
2.4
2.4
V
VOL
OutputLogic“0”Voltage
IOL = 8mA
0.4
0.4
V
ICC1(4,5)
Active Power Supply Current (both FIFOs)
125(6)
—150
mA
ICC2(4,7)
Standby Current (R=W=RS=FL/RT=VIH)—
15
15
mA
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
NOTES:
1. Industrial temperature range product for the 15ns speed grade is available as a standard
device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. Tested at f = 20 MHz.
6. Typical ICC1 = 2*[15 + 2*fS + 0.02*CL*fS] (in mA) with VCC = 5V, TA = 25oC, fS = WCLK
frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2,
CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V.
Figure 1. Output Load
* Includes scope and jig capacitances.


유사한 부품 번호 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
More results

유사한 설명 - IDT7280

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com