전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS256JC0-TY 데이터시트(PDF) 173 Page - SPANSION

부품명 S71WS256JC0-TY
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JC0-TY 데이터시트(HTML) 173 Page - SPANSION

Back Button S71WS256JC0-TY Datasheet HTML 169Page - SPANSION S71WS256JC0-TY Datasheet HTML 170Page - SPANSION S71WS256JC0-TY Datasheet HTML 171Page - SPANSION S71WS256JC0-TY Datasheet HTML 172Page - SPANSION S71WS256JC0-TY Datasheet HTML 173Page - SPANSION S71WS256JC0-TY Datasheet HTML 174Page - SPANSION S71WS256JC0-TY Datasheet HTML 175Page - SPANSION S71WS256JC0-TY Datasheet HTML 176Page - SPANSION S71WS256JC0-TY Datasheet HTML 177Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
171
Prel imin ar y
Function Truth Table
Ã
/HJHQG /
9,/+
9,+;FDQEHHLWKHU 9,/ RU 9,++LJK=
+LJK ,PSHGDQFH
1RWHV
 7KLV ORJLF FRQGLWLRQ VKRXOGQRW EH NHSW DQ\ ORQJHU WKDQ —V
 3RZHU 'RZQPRGHFDQ EHHQWHUHGIURP 6WDQGE\ VWDWHDQGDOO'4 SLQV DUH LQ+LJK= VWDWH
 &DQ EHHLWKHU9,/ RU9,+ EXWPXVWEHYDOLGEHIRUH5HDGRU:ULWH
Absolute Maximum Ratings
1RWH 6HPLFRQGXFWRUGHYLFHV FDQ EHSHUPDQHQWO\GDPDJHGE\DSSOLFDWLRQ RIVWUHVV YROWDJHFXUUHQWWHPSHUDWXUH DQG
VR RQ LQ H[FHVV RIDEVROXWHPD[LPXP UDWLQJV 'R QRWH[FHHG WKHVH UDWLQJV
Recommended Operating Conditions
1RWHV 5HIHUHQFHGWR966
 0D[LPXP '& YROWDJH RQ LQSXW DQG ,2 SLQV DUH 9''  9'XULQJ YROWDJH WUDQVLWLRQV LQSXWVPD\RYHUVKRRW WR
9''9 IRU SHULRGVRIXSWR QV
 0LQLPXP '& YROWDJH RQ LQSXW RU ,2 SLQV DUH 9 'XULQJ YROWDJH WUDQVLWLRQV LQSXWV PD\ RYHUVKRRW 966 WR ±9 IRU
SHULRGVRI XS WR  QV
 5HFRPPHQGHG RSHUDWLQJ FRQGLWLRQVDUH QRUPDORSHUDWLQJ UDQJHVIRU WKH VHPLFRQGXFWRU GHYLFH$OO WKH GHYLFH HOHFWULFDO
FKDUDFWHULVWLFV DUH ZDUUDQWHG ZKHQ RSHUDWHGZLWKLQ WKHVH UDQJHV
 $OZD\VXVH VHPLFRQGXFWRU GHYLFHVZLWKLQ WKHUHFRPPHQGHG RSHUDWLQJ FRQGLWLRQV2SHUDWLRQ RXWVLGH WKHVH UDQJHV PD\
DIIHFW GHYLFH UHOLDELOLW\ DQG UHVXOW LQ GHYLFH IDLOXUH
 1RZDUUDQW\ LV PDGHZLWKUHVSHFWWR XVHV RSHUDWLQJFRQGLWLRQV RUFRPELQDWLRQV QRWUHSUHVHQWHGRQ WKHGDWD VKHHW
0RGH
&( &( :(
2(
/%
8%
$
'4 '4
,''
'DWD
5HWHQWLRQ
6WDQGE\ 'HVHOHFW
+
+
;
;
;
;
;
+LJK=
+LJK=
,''6
<HV
2XWSXW 'LVDEOH 1RWH
+/
++
;
;
1RWH
+LJK=
+LJK=
,''$
2XWSXW 'LVDEOH 1R 5HDG
+/
+
+
9DOLG
+LJK=
+LJK=
5HDG 8SSHU %\WH
+
/9DOLG
+LJK=
2XWSXW
9DOLG
5HDG /RZHU %\WH
/
+
9DOLG
2XWSXW
9DOLG
+LJK=
5HDG :RUG
//9DOLG
2XWSXW
9DOLG
2XWSXW
9DOLG
1R :ULWH
/+
+
+
9DOLG
,QYDOLG
,QYDOLG
:ULWH
8SSHU %\WH
+
/9DOLG
,QYDOLG
,QSXW
9DOLG
:ULWH /RZHU %\WH
/
+
9DOLG
,QSXW
9DOLG
,QYDOLG
:ULWH :RUG
// 9DOLG
,QSXW
9DOLG
,QSXW
9DOLG
3RZHU 'RZQ 1RWH
/;
;
;
;
;
;
+LJK=
+LJK=
,''3
1R
3DUDPHWHU
6\PERO
9DOXH
8QLW
9ROWDJHRI 9'' 6XSSO\ 5HODWLYHWR966
9''
±WR 
9
9ROWDJHDW$Q\ 3LQ5HODWLYHWR966
9,1 9287
±WR 
9
6KRUW &LUFXLW2XWSXW&XUUHQW
,287
+
P$
6WRUDJH7HPSHUDWXUH
767*
± WR 
ƒ&
3DUDPHWHU
6\PERO
0LQ
0D[
8QLW
6XSSO\ 9ROWDJH
9''


9
966

9
+LJK /HYHO ,QSXW9ROWDJH 1RWH 9,+
9''
9''
9
/RZ/HYHO ,QSXW9ROWDJH 1RWH  9,/

9''
9
$PELHQW7HPSHUDWXUH
7$


°&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com