전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS256JC0BAWTY2 데이터시트(PDF) 138 Page - SPANSION

부품명 S71WS256JC0BAWTY2
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JC0BAWTY2 데이터시트(HTML) 138 Page - SPANSION

Back Button S71WS256JC0BAWTY2 Datasheet HTML 134Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 135Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 136Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 137Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 138Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 139Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 140Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 141Page - SPANSION S71WS256JC0BAWTY2 Datasheet HTML 142Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 186 page
background image
136
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Preli m inary
Synchronous Write Operation (Burst Mode)
1RWHV
 'HILQHGIURP WKHYDOLG LQSXWHGJH WR WKH +LJK WR /RZWUDQVLWLRQRIHLWKHU$'9&( RU :( ZKLFKHYHU RFFXUVODVW$QG
RQFHWKH\DUHGHWHUPLQHGWKH\PXVWQRWEHFKDQJHG XQWLOWKHHQGRIEXUVW
 7KHRXWSXW ORDG S) ZLWK RKPWHUPLQDWLRQ WR 9'' 9
 'HILQHGIURP WKHYDOLG FORFN HGJH ZKHUH ODVWGDWDLQ EHLQJODWFKHG DWWKHHQGRI EXUVW ZULWH WR WKH +LJK WR/RZWUDQVLWLRQ RI
HLWKHU $'9 RU &( ZKLFKHYHU RFFXUV ODWHIRU WKHQH[W DFFHVV
 'HILQHG IURP WKH /RZ WR +LJK WUDQVLWLRQ RI &( WR WKH +LJK WR /RZ WUDQVLWLRQ RI HLWKHU $'9 RU &( ZKLFKHYHU RFFXUV ODWH
IRU WKHQH[WDFFHVV
Parameter
Symbol
32M
64M
Unit
Notes
Min.
Max.
Min.
Max.
%XUVW:ULWH &\FOH7LPH
W:&%
²

²

QV
'DWD6HWXS 7LPHWR&ORFN
W'6&.

²

²
QV
'DWD+ROG 7LPHIURP&/.
W'+&.

²

²
QV
:( /RZ 6HWXS 7LPH WR VW 'DWD,Q
W:/'

²

²
QV
8%/% 6HWXS7LPH IRU:ULWH
W%6

²

²
QV

:( 6HWXS 7LPH WR &/.
W:6&.

²

²
QV
:( +ROG 7LPH IURP &/.
W&.:+

²

²
QV
&(/RZ WR :$,7 +LJK
W&/7+




QV

:( /RZ WR :$,7 +LJK
W:/7+




QV

&(+LJKWR:$,7 +LJK=
W&+7=
²

²

QV

:( +LJK WR:$,7 +LJK=
W:+7=
²

²

QV

%XUVW(QG &(/RZ +ROG 7LPHIURP &/.
W&.&/+

²

²
QV
%XUVW(QG&( +LJK6HWXS 7LPHWR QH[W &/.
W&+&.

²

²
QV
%XUVW(QG8% /% +ROG7LPH IURP &/.
W&.%+

²

²
QV
%XUVW :ULWH 5HFRYHU\ 7LPH
W:5%


QV
%XUVW 7HUPLQDWH 5HFRYHU\ 7LPH
%/  
W75%

²

²
QV

%/ &RQWLQXRXV
W75%

²

²
QV




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com