전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS064JC0BAWTY2 데이터시트(PDF) 110 Page - SPANSION

부품명 S71WS064JC0BAWTY2
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JC0BAWTY2 데이터시트(HTML) 110 Page - SPANSION

Back Button S71WS064JC0BAWTY2 Datasheet HTML 106Page - SPANSION S71WS064JC0BAWTY2 Datasheet HTML 107Page - SPANSION S71WS064JC0BAWTY2 Datasheet HTML 108Page - SPANSION S71WS064JC0BAWTY2 Datasheet HTML 109Page - SPANSION S71WS064JC0BAWTY2 Datasheet HTML 110Page - SPANSION S71WS064JC0BAWTY2 Datasheet HTML 111Page - SPANSION S71WS064JC0BAWTY2 Datasheet HTML 112Page - SPANSION S71WS064JC0BAWTY2 Datasheet HTML 113Page - SPANSION S71WS064JC0BAWTY2 Datasheet HTML 114Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 186 page
background image
108
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Pr elim inary
AC Characteristics
Sector Protect: 150 µs
Sector Unprotect: 1.5 ms
1 µs
RESET#
SA, A6,
A1, A0
Data
CE#
WE#
OE#
60h
60h
40h
Valid*
Valid*
Valid*
Status
Sector Protect/Unprotect
Verify
VID
VIH
)RU VHFWRUSURWHFW$
$
$
 )RUVHFWRU XQSURWHFW$
$
$

Figure 33.
Sector/Sector Block Protect and Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com