전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS256JB0BAWTY2 데이터시트(PDF) 105 Page - SPANSION

부품명 S71WS256JB0BAWTY2
상세설명  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JB0BAWTY2 데이터시트(HTML) 105 Page - SPANSION

Back Button S71WS256JB0BAWTY2 Datasheet HTML 101Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 102Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 103Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 104Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 105Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 106Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 107Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 108Page - SPANSION S71WS256JB0BAWTY2 Datasheet HTML 109Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
103
Pr elim inary
AC Characteristics
Figure 26.
Chip/Sector Erase Command Sequence
1RWHV
 6$ LV WKHVHFWRUDGGUHVV IRU6HFWRU(UDVH
 $GGUHVV ELWV$±$DUH GRQ¶WFDUHVGXULQJXQORFN F\FOHVLQWKHFRPPDQG VHTXHQFH
OE#
CE#
Data
Addresses
AVD#
WE#
CLK
VCC
tAS
tWP
tAH
tWC
tWPH
SA
tVCS
tCS
tDH
tCH
In
Progress
tWHWH2
VA
Complete
VA
Erase Command Sequence (last two cycles)
Read Status Data
tDS
10h for
chip erase
555h for
chip erase
VIH
VIL
tAVDP
55h
2AAh
30h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com