전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM339N 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 LM339N
상세설명  Single Supply Quad Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM339N 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button LM339N Datasheet HTML 2Page - ON Semiconductor LM339N Datasheet HTML 3Page - ON Semiconductor LM339N Datasheet HTML 4Page - ON Semiconductor LM339N Datasheet HTML 5Page - ON Semiconductor LM339N Datasheet HTML 6Page - ON Semiconductor LM339N Datasheet HTML 7Page - ON Semiconductor LM339N Datasheet HTML 8Page - ON Semiconductor LM339N Datasheet HTML 9Page - ON Semiconductor LM339N Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
8
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
SOIC−14
D SUFFIX
CASE 751A
PDIP−14
N, P SUFFIX
CASE 646
1
14
LM339N
AWLYYWW
MARKING DIAGRAMS
1
14
LM239N
AWLYYWW
1
14
LM2901N
AWLYYWW
1
14
LM2901VN
AWLYYWW
1
14
MC3302P
AWLYYWW
1
14
LM339D
AWLYWW
1
14
LM239D
AWLYWW
1
14
LM2901D
AWLYWW
1
14
LM2901VD
AWLYWW
1
14
MC3302D
AWLYWW
*
*This marking diagram also
applies to NCV2901.
239
ALYW
1
14
TSSOP−14
DTB SUFFIX
CASE 948G
339
ALYW
1
14
2901
ALYW
1
14
2901
V
ALYW
1
14
3302
ALYW
1
14


유사한 부품 번호 - LM339N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM339N MOTOROLA-LM339N Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
National Semiconductor ...
LM339N NSC-LM339N Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
ON Semiconductor
LM339N ONSEMI-LM339N Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
NXP Semiconductors
LM339N PHILIPS-LM339N Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM339N STMICROELECTRONICS-LM339N Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
More results

유사한 설명 - LM339N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com