| 전자부품 데이터시트 검색엔진 |
|
ST72F324J2TA 데이터시트(PDF) 157 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F324J2TA 데이터시트(HTML) 157 Page - STMicroelectronics |
|
157 / 167 page ![]() ST72324B 157/167 14.5 SILICON IDENTIFICATION The various ST72F324, ST72F324B and ST72324B devices are identifiable both by the last letter of the Trace code marked on the device package and by the last 3 digits of the Internal Sales Type printed on the box label. Table 29. Silicon Identification (Automotive versions) Table 30. Silicon Identification (Standard and Industrial Versions) Device Status Fab Memory Trace Code marked on device Internal Sales Types on box label ST72F324xxxx Current production Rousset 8K to 32K Flash “xxxxxxxxxW” 72F324xxxx$x5 ST72324Bxxxx Phoenix 32K ROM “xxxxxxxxxA” 72324Bx6xx$x1 ST72324Bxxxx Phoenix 8K/16K ROM “xxxxxxxxxB” 72324Bxxxx$x3 ST72F324xxxx Under Qualification Phoenix 8K to 32K Flash “xxxxxxxxx1” 72F324x6xx$x7 ST72F324Bxxxx Phoenix 8K/16K Flash “xxxxxxxxx1” 72F324Bxxxx$x1 32K Flash “xxxxxxxxxY” 72F324Bxxxx$x4 Device Status Fab Memory Trace Code marked on device Internal Sales Types on box label ST72F324xxxx End of production Dec. 2005 Rousset 8K to 32K Flash “xxxxxxxxxW” 72F324xxxx$x5 Not recommended for new designs Phoenix “xxxxxxxxx1” 72F324xxxx$x7 ST72F324Bxxxx Current production. Recommended for new designs Phoenix 8K/16K Flash “xxxxxxxxx1” 72F324Bxxxx$x1 32K Flash “xxxxxxxxxY” 72F324Bxxxx$x4 ST72324Bxxxx Phoenix 32K ROM “xxxxxxxxxA” 72324Bxxxx$x1 8K/16K ROM “xxxxxxxxxB” 72324Bxxxx$x3 1 |