전자부품 데이터시트 검색엔진 |
|
LM741 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
|
LM741 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 10 page February 2007 ©2007 Fairchild Semiconductor Corporation www.fairchildsemi.com LM741 Rev. 2.0.0 LM741 Single Operational Amplifier Features Short Circuit Protection Excellent Temperature Stability Internal Frequency Compensation High Input Voltage Range Null of Offset Description The LM741 series are general purpose operational amplifiers. It is intended for a wide range of analog applications. The high gain and wide range of operating voltage provide superior performance in intergrator, summing amplifier, and general feedback applications.. Ordering Information Internal Block Diagram 8-DIP 1 8-SOP 1 Part Number Operating Temp. Range Pb-Free Package Packing Method Marking Code LM741CN 0 ~ +70 °C YES 8-DIP Rail LM741CN LM741CM YES 8-SOP Rail LM741CM LM741CMX YES 8-SOP Tape & Reel LM741CM 8 7 6 5 1 2 3 4 NC OUTPUT VEE IN1 (-) IN1 (+) VCC OFFSET NULL OFFSET NULL |
유사한 부품 번호 - LM741 |
|
유사한 설명 - LM741 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |