전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I.MX8XLITE 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 I.MX8XLITE
상세설명  i.MX 8XLite Industrial Applications Processors
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 2Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 3Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 4Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 5Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 6Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 7Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 8Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 9Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
RNG
Ciphers
(ECC, RSA)
Secure RTC
Tamper
Detection
Secure
JTAG
64k Secure
RAM
ADC (6 channels)
CAN / CAN-FD
I2C w/ DMA
UART (5 Mb/s)
32-bit GPIO
VFP
256KB L2 w/ ECC
32KB D$
NEON
32KB I$
1 (8SXL) or 2 (8DXL)
ARM Cortex-A35
CPU Platform
TrustZone
User CM4 Complex
256KB TCM w/ ECC
16KB system$
MMCAU
16KB code$
MCM
nvic
fpu
mpu
M4 CPU
M4 Platform
24M and 32k
XTALOSC
Sources
PWM
2x MU
INTs
WDOG
RGPIO
LPUART
LPI2C
LPIT
System Control Unit
Clock, Reset
IOMUX
Security
Controller
(M0+)
OTP
ADM
SNVS
CAAM
Security
256KB TCM w/ ECC
16KB system$
MMCAU
16KB code$
MCM
nvic
fpu
mpu
M4 CPU
M4 Platform
SCU CM4 Complex
Debug
DAP, CTI, etc
JTAGC
Boot ROM
RDC
Power Mgmt
PWM
PMIC I/F
2x MU
INTs
WDOG
RGPIO
LPUART
LPI2C
LPIT
HAB
Tempmon
Connectivity Subsystem
2x USB2
2x uSDHC
1x ENET + TSN
3x eDMA
Audio DMA
(ADMA)
Subsystem
Low Speed I/O (LSIO) Subsystem
1x FlexSPI
NAND CTRL (BCH62)
Memories
OCRAM (256KB)
Internal Memory
PCIe
High Speed I/O
Subsystem
External Memory Interface
DDR
Controller
1x I2C
1x UART
1x GPIO
Dedicated
1x eMMC
5.1 / SD 3.0
Ethernet + TSN
2x SD 3.0
(UHS-I)
2x USBOTG 2.0
OTG & PHY
10/100/1000M
Ethernet + AVB
x1 PCIe 3.0
(1 lane)
16-bit LPDDR4
(w/ inline ECC)
@1200 MHz
RAW /
ONFI 3.2
NAND Flash
16-bit DDR3L
(w/ inline ECC)
@933 MHz
1x Quad SPI
1x I2C
1x UART
1x GPIO
SPDIF TX / RX
MQS L/R
2x SAI TX / RX
2x SAI RX
SSI Bus
SECO
NAND
ASRC
SPDIF
4x SAI
GPT
PWM
4x LPSPI
4x LPUART
LCDIF
ACM
MQS
3x FlexCAN
4x LPI2C
1x ADC
2x FTM
IRQs
14x MU
IEE
GPT
4x PWM
1x FlexSPI
8x GPIO
1x ENET + AVB
V2X Subsystem
Figure 1. i.MX 8XLite System Block Diagram
Architectural Overview
6
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


유사한 부품 번호 - I.MX8XLITE

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
   i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
   i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
More results

유사한 설명 - I.MX8XLITE

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
   i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
   i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
   i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
   i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
   i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
   i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com