전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBT6427LT1 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MMBT6427LT1
상세설명  Darlington Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6427LT1 데이터시트(HTML) 2 Page - ON Semiconductor

  MMBT6427LT1_06 Datasheet HTML 1Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 2Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 3Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 4Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 5Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT6427LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = 10 mAdc, VBE = 0)
V(BR)CEO
40
Vdc
Collector −Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
40
Vdc
Emitter −Base Breakdown Voltage
(IC = 10 mAdc, IC = 0)
V(BR)EBO
12
Vdc
Collector Cutoff Current
(VCE = 25 Vdc, IB = 0)
ICES
1.0
mAdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
50
nAdc
Emitter Cutoff Current
(VEB = 10 Vdc, IC = 0)
IEBO
50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc)
(IC = 500 mAdc, VCE = 5.0 Vdc)
hFE
10,000
20,000
14,000
100,000
200,000
140,000
Collector −Emitter Saturation Voltage
(IC = 50 mAdc, IB = 0.5 mAdc)
(IC = 500 mAdc, IB = 0.5 mAdc)
VCE(sat)(3)
1.2
1.5
Vdc
Base −Emitter Saturation Voltage
(IC = 500 mAdc, IB = 0.5 mAdc)
VBE(sat)
2.0
Vdc
Base −Emitter On Voltage
(IC = 50 mAdc, VCE = 5.0 Vdc)
VBE(on)
1.75
Vdc
SMALL− SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
7.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
15
pF
Current Gain − High Frequency
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
|hfe|
1.3
Vdc
Noise Figure
(IC = 1.0 mAdc, VCE = 5.0 Vdc, RS = 100 kW, f = 1.0 kHz)
NF
10
dB
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model


유사한 부품 번호 - MMBT6427LT1_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
167Kb / 6P
   Darlington Transistor
August, 2009 ??Rev. 3
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
MMBT6427LT1G ONSEMI-MMBT6427LT1G_09 Datasheet
167Kb / 6P
   Darlington Transistor
August, 2009 ??Rev. 3
More results

유사한 설명 - MMBT6427LT1_06

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
   NPN Silicon Darlington Transistor
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
   NPN Silicon Darlington Transistor
logo
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
   SILICON DARLINGTON NPN TRANSISTOR
logo
Fairchild Semiconductor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
logo
First Silicon Co., Ltd
MJD122 FS-MJD122 Datasheet
457Kb / 2P
   NPN Silicon Darlington Transistor
logo
NEC
2SD1692 NEC-2SD1692 Datasheet
145Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
2SD1693 NEC-2SD1693 Datasheet
151Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
GTM CORPORATION
GMPSA14 GTM-GMPSA14 Datasheet
153Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com