![]() |
전자부품 데이터시트 검색엔진 |
|
U74HC2G02 데이터시트(PDF) 3 Page - Unisonic Technologies |
|
|
U74HC2G02 데이터시트(HTML) 3 Page - Unisonic Technologies |
3 / 5 page ![]() U74HC2G02 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R502-084,A ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~7 V Input Voltage VIN -0.5~7 V Output Voltage VOUT -0.5~VCC+0.5 V Input Clamp Current IIK ±20 mA Output Clamp Current IOK ±20 mA Output Current IOUT 25 mA VCC or GND Current ICC 50 mA Power dissipation PD 300 mW Storage Temperature TSTG -65 ~ +150 ℃ Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING COMDITIONS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC 2.0 5.0 6.0 V Input Voltage VIN 0 VCC V Output Voltage VOUT 0 VCC V VCC=2.0V 1000 VCC=4.5V 6 500 Input Transition Rise or Fall Times tr ,tf VCC=6V 400 ns Operating Temperature TA -40 25 125 ℃ STATIC CHARACTERISTICS -40~85℃ -40~125℃ PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX MIN MAX UNIT VCC=2.0V 1.5 1.2 1.5 VCC=4.5V 3.15 2.4 3.15 High-Level Input Voltage VIH VCC=6.0V 4.2 3.2 4.2 V VCC=2.0V 0.8 0.5 0.5 VCC=4.5V 2.1 1.35 1.35 Low-Level Input Voltage VIL VCC=6.0V 2.8 1.8 1.8 V VCC=2.0V, IOH=-20µA 1.9 2.0 1.9 VCC=4.5V, IOH=-20µA 4.4 4.5 4.4 VCC=6.0V, IOH=-20µA 5.9 6.0 5.9 VCC=4.5V, IOH=-4mA 4.13 4.32 3.7 High-Level Output Voltage VOH VCC=6.0V, IOH=-5.2mA 5.63 5.81 5.2 V VCC=2.0V, IOL=20µA 0 0.1 0.1 VCC=4.5V, IOL=20µA 0 0.1 0.1 VCC=6.0V, IOL=20µA 0 0.1 0.1 VCC=4.5V, IOH=4mA 0.15 0.33 0.4 Low-Level Output Voltage VOL VCC=6.0V, IOH=5.2mA 0.16 0.33 0.4 V Input Leakage Current II(LEAK) VCC=6.0V, VIN=VCC or GND ±1 ±1 μ A Quiescent Supply Current IQ VCC=6.0V, VIN=VCC or GND, IOUT=0 10 20 μ A Input Capacitance CIN VCC=5.0V, VIN=VCC or GND 1.5 pF |
유사한 부품 번호 - U74HC2G02 |
|
유사한 설명 - U74HC2G02 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |