전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89C5130A-RDTUM 데이터시트(PDF) 149 Page - ATMEL Corporation

부품명 AT89C5130A-RDTUM
상세설명  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM 데이터시트(HTML) 149 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 145Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 146Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 147Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 148Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 149Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 150Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 151Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 152Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 186 page
background image
149
AT89C5130A/31A-M
4337G–USB–11/06
Reset
Introduction
The reset sources are: Power Management, Hardware Watchdog, PCA Watchdog and
Reset input.
Figure 72.
Reset schematic
Reset Input
The Reset input can be used to force a reset pulse longer than the internal reset con-
trolled by the Power Monitor. RST input has a pull-up resistor allowing power-on reset
by simply connecting an external capacitor to VSS as shown in Figure 73. Resistor value
and input characteristics are discussed in the Section “DC Characteristics” of the
AT89C5130A/31A-M datasheet.
Figure 73.
Reset Circuitry and Power-On Reset
Power
Monitor
Hardware
Watchdog
PCA
Watchdog
RST
Internal Reset
RST
VCC
To internal reset
RST
VSS
+
b. Power-on Reset
a. RST input circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More