전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTS5411-GRT 데이터시트(PDF) 9 Page - Realtek Semiconductor Corp.

부품명 RTS5411-GRT
상세설명  USB 3.0 Super-Speed HUB Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  REALTEK [Realtek Semiconductor Corp.]
홈페이지  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTS5411-GRT 데이터시트(HTML) 9 Page - Realtek Semiconductor Corp.

Back Button RTS5411-GRT Datasheet HTML 5Page - Realtek Semiconductor Corp. RTS5411-GRT Datasheet HTML 6Page - Realtek Semiconductor Corp. RTS5411-GRT Datasheet HTML 7Page - Realtek Semiconductor Corp. RTS5411-GRT Datasheet HTML 8Page - Realtek Semiconductor Corp. RTS5411-GRT Datasheet HTML 9Page - Realtek Semiconductor Corp. RTS5411-GRT Datasheet HTML 10Page - Realtek Semiconductor Corp. RTS5411-GRT Datasheet HTML 11Page - Realtek Semiconductor Corp. RTS5411-GRT Datasheet HTML 12Page - Realtek Semiconductor Corp. RTS5411-GRT Datasheet HTML 13Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
RTS5411
Realtek Semiconductor Corp.
6
V1.2
4.2 Pin Descriptions
Pin Name
Pin No.
I/O
Type
Description
Power supply
DV33
4,22,48,73
Power
3.3V power supply for digital circuits
DV12
3,49,50
Power
1.2V power supply for digital circuits
AV12
7,13,19,25,31,
58,64,70
Power
1.2V power supply for analog circuits
LDO_V5_IN
54
Power
5V to 3.3V LDO input.
Short this pin to DV33, when on-chip LDO is not used.
V33_OUT
55
Power
3.3V output (from internal 5V to 3.3V Low Dropout
Regulator)
Short this pin to DV33, when on-chip LDO is not used.
SWR_V5_IN
53
Power
5V to 1.2V SWR input
Connect this pin to LDO_V5_IN if internal switching
regulator isn
’t used.
SWR_GND
51
GND
Reference GND for 1.2V SWR
SWR_OUT
52
Power
5V to 1.2V SWR output
Left this pin floating if internal switching regulator isn
’t
used.
GND
61
GND
Reference ground
E-PAD
-
GND
The bottom of the package has a thermal pad. The pad
shall be connected to the reference ground
Analog Interface
RREF
1
I
Connect an external resistor (6.2K ±1%) to the Reference
GND
System Clock
XTLI
74
I
12Mhz Crystal input.
XTLO
75
O
12Mhz Crystal output.
LED Control Pins
GPIO0/SMBCL,
GPIO2/SCL,
GPIO4,GPIO6
32,34,36,38
I/O
General Purpose I/O. Now used for LED application to
indicate Downstream Ports transmit and receive
activity .The LEDs will blink when there is USB transfer
under corresponding port.
These pins have weak internal pull up resistances. Left
these pins floating when unused.
The GPIO0 can be configured as a SMBus clock pin
The GPIO2 can be configured as a I2C clock pin
GPIO1/SMBDA,
GPIO3/SDA,
GPIO5,GPIO7
33,35,37,39
I/O
General Purpose I/O. Now used for LED application to
indicate Downstream Ports over-current condition. The
LEDs will on when over-current condition is detected.
These pins have weak internal pull up resistances. Left
these pins floating when unused.
The GPIO1 can be configured as a SMBus data pin
The GPIO3 can be configured as a I2C data pin


유사한 부품 번호 - RTS5411-GRT

제조업체부품명데이터시트상세설명
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
RTS5138-GR REALTEK-RTS5138-GR Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
RTS5169-VEC-GR REALTEK-RTS5169-VEC-GR Datasheet
183Kb / 15P
USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
More results

유사한 설명 - RTS5411-GRT

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_11 Datasheet
831Kb / 25P
TetraHub??High Speed USB Hub Controller
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
USB 3.0 Hub Controller
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
USB 3.0 MTT Hub Controller
logo
Coolgear Inc.
USBG-4PMINIH COOLGEAR-USBG-4PMINIH Datasheet
448Kb / 2P
USB 3.0 4 Port Power Hub Super Speed Metal Case
Rev 01.200713
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com