전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFR3910 데이터시트(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

부품명 IRFR3910
상세설명  The D-PAK is designed for surface mounting using vapor phase,infrared,or wave soldering techniques.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRFR3910 데이터시트(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRFR3910 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRFR3910 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRFR3910 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRFR3910 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRFR3910 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRFR3910 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. IRFR3910 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UMW
IRFR3910
R
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
Features
VDS (V) = 100V
ID = 16A (VGS = 10V)
RDS(ON) =115mΩ (VGS = 10V)
D
G
S
The D-PAK is designed for surface mounting
using vapor phase,infrared,or wave soldering tec-
hniques.Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
Description


유사한 부품 번호 - IRFR3910

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFR3910 IRF-IRFR3910 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=100V, Rds=0.115ohm, Id=16A)
logo
Kersemi Electronic Co.,...
IRFR3910 KERSEMI-IRFR3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRFR3910 ISC-IRFR3910 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRFR3910 EVVOSEMI-IRFR3910 Datasheet
723Kb / 7P
   MOSFET
Rev:2023A2
logo
International Rectifier
IRFR3910PBF IRF-IRFR3910PBF Datasheet
393Kb / 10P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFR3910

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
IRLR3410TR UMW-IRLR3410TR Datasheet
468Kb / 7P
   The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques.
IRFR120NTR UMW-IRFR120NTR Datasheet
536Kb / 7P
   The D-PAK is designed for surface mounting using vapor phase,infraredor wave soldering techniques.
IRFR024NTR UMW-IRFR024NTR Datasheet
537Kb / 7P
   The D-PAK is designed for surface mounting using vapor phase, infrared,or wave soldering technigues.
logo
MICORO CRYSTAL SWITZERL...
MCSO2E MICROCRYSTAL-MCSO2E Datasheet
346Kb / 2P
   This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
VCXO2E MICROCRYSTAL-VCXO2E Datasheet
338Kb / 2P
   This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
EUROQUARTZ limited
CX11SMAT EUROQUARTZ-CX11SMAT Datasheet
118Kb / 1P
   Designed for infrared, vapour phase or epoxy mounting
CX7SM EUROQUARTZ-CX7SM Datasheet
115Kb / 1P
   Designed for infrared, vapour phase or epoxy mounting
CX14SMAT EUROQUARTZ-CX14SMAT Datasheet
124Kb / 1P
   Designed for infrared, vapour phase or epoxy mounting
CX9SM EUROQUARTZ-CX9SM Datasheet
117Kb / 1P
   Designed for infrared, vapour phase or epoxy mounting
CX1SMAT EUROQUARTZ-CX1SMAT Datasheet
134Kb / 2P
   Designed for infrared, vapour phase or epoxy mounting
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com