전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I.MX7 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 I.MX7
상세설명  i.MX 7Dual Family of Applications Processors Datasheet
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX7 데이터시트(HTML) 3 Page - NXP Semiconductors

  I.MX7 Datasheet HTML 1Page - NXP Semiconductors I.MX7 Datasheet HTML 2Page - NXP Semiconductors I.MX7 Datasheet HTML 3Page - NXP Semiconductors I.MX7 Datasheet HTML 4Page - NXP Semiconductors I.MX7 Datasheet HTML 5Page - NXP Semiconductors I.MX7 Datasheet HTML 6Page - NXP Semiconductors I.MX7 Datasheet HTML 7Page - NXP Semiconductors I.MX7 Datasheet HTML 8Page - NXP Semiconductors I.MX7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 161 page
background image
i.MX 7Dual introduction
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
3
• Advanced security—The processors deliver hardware-enabled security features that enable secure
e-commerce, digital rights management (DRM), information encryption, secure boot, and secure
software downloads. The security features are discussed in detail in the i.MX 7Dual security
reference manual.
• Integrated power management—The processors integrate linear regulators and internally generate
voltage levels for different power domains. This significantly simplifies system power
management structure.
For a comprehensive list of the i.MX 7Dual features, see Section 1.2, “Features.”
1.1
Ordering information
Table 1 provides examples of orderable sample part numbers covered by this data sheet.
Table 1. Orderable parts
Part Number
Options
Cortex-A7 CPU
Speed Grade Qualification Tier
Temperature
(Tj)
Package
MCIMX7D7DVK10SD
EPDC, CAN
2 x Gigabit Ethernet
4 tamper pins
1 x ADC
1 GHz
Consumer1
0 to +95C
12x12 mm
0.4 mm pitch
BGA
MCIMX7D7DVM10SD
EPDC, CAN
2 x Gigabit Ethernet
10 tamper pins
2 x ADC
1 GHz
Consumer1
0 to +95C
19x19 mm
0.75 mm pitch
BGA
MCIMX7D5EVK10SD
No EPDC, CAN
2 x Gigabit Ethernet
4 tamper pins
1 x ADC
1 GHz
Industrial2
-20 to 105C 12x12 mm
0.4 mm pitch
BGA
MCIMX7D5EVM10SD
No EPDC, CAN
2 x Gigabit Ethernet
10 tamper pins
2 x ADC
1 GHz
Industrial2
-20 to 105C 19x19 mm
0.75 mm pitch
BGA
MCIMX7D3DVK10SD
No EPDC, No CAN
2 x Gigabit Ethernet
4 tamper pins
1 x ADC
1 GHz
Consumer1
0 to +95C
12x12 mm
0.4 mm pitch
BGA
MCIMX7D3EVK10SD
No EPDC, No CAN
2 x Gigabit Ethernet
4 tamper pins
1 x ADC
1 GHz
Industrial2
–20 to +105C 12x12 mm
0.4 mm pitch
BGA


유사한 부품 번호 - I.MX7

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
   Multimedia Applications Processor
I.MX27 FREESCALE-I.MX27 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
i.MX27L FREESCALE-i.MX27L Datasheet
2Mb / 148P
   Multimedia Applications Processor
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
   i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
More results

유사한 설명 - I.MX7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
   MX Family of applications processors
MC9328MXL FREESCALE-MC9328MXL_06 Datasheet
1Mb / 90P
   MX Family of applications processors
MC9328MXS FREESCALE-MC9328MXS Datasheet
1Mb / 74P
   MX Family of applications processors
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
NXP Semiconductors
IMX8XLB0IEC NXP-IMX8XLB0IEC_V01 Datasheet
1Mb / 112P
   i.MX 8XLite Industrial Applications Processors
Rev. 3, 08/2023
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
NXP Semiconductors
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
   i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com