전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA1-380 데이터시트(PDF) 1 Page - UN Semiconducctor INC

부품명 KA1-380
상세설명  1KA Radial Lead Transient Voltage Suppressors (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNSEMI [UN Semiconducctor INC]
홈페이지  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

KA1-380 데이터시트(HTML) 1 Page - UN Semiconducctor INC

  KA1-380 Datasheet HTML 1Page - UN Semiconducctor INC KA1-380 Datasheet HTML 2Page - UN Semiconducctor INC KA1-380 Datasheet HTML 3Page - UN Semiconducctor INC KA1-380 Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The KA1-380 of high current transient suppressors have been
specially designed for use in A.C. line protection and any demanding
applications (AC or DC). Any voltage rise due to increased current
conduction is contained to a minimum, providing the best possible
protection level. They can also be connected in series and/or parallel
to create very high capacity protection solutions.
KA1- 380
Features
Description
ROHS
Revision March 1,2022
Radial Lead Transient Voltage Suppressors (TVS)
www.unsemi.com.tw
1KA
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/3
Axial lead terminals
High current transient suppressor
Excellent Clamping Capability
Glass Passivated Junction
Bi-directional
Low Slope Resistance
Repetition Rate (duty cycle):0.01%
Hazardous Substances Free
RoHS Compliant
High Temperature soldering: 260°C/10 seconds at terminals
Epoxy Encapsulated
Solderable per MIL-STD-202 Method 208
Parameter
Symbol
Value
Unit
A
Maximum Ratings (TA=25℃ unless otherwise noted)
Peak Pulse Current with a 8/20µs waveform
Junction and Storage Temperature Range
Operating Temperature Range
IPP
TJ,TSTG
TOP
1
- 55 to +150
- 40 to +125
KA
°C
°C
Bi-directional
Functional Diagram
Part Number
Reverse Stand-Off
Voltage
Current Rating
Maximum Clamping
Voltage
Test
Current
Breakdown
Voltage
VAC(V)
VDC(V)
Reverse
Leakage
Electrical Characteristics (TA=25℃ unless otherwise noted)
IPP
8/20μs (KA)
VC(V)
@IPP
IT
(mA)
VBR(V)
MIN.@IT
IR(μA)
@VDC
380
275
401
1
1
520
20
KA1-380


유사한 부품 번호 - KA1-380

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KA1-8045 ETC2-KA1-8045 Datasheet
267Kb / 2P
Contact blocks and lamp blocks with holder for front mounting
More results

유사한 설명 - KA1-380

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
Radial Lead Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
AK1-076C HUAXINAN-AK1-076C Datasheet
234Kb / 1P
8x20uS 1KA Transient Voltage Suppressors
logo
Socay Electornics Co., ...
KA-012 SOCAY-KA-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KD-012 SOCAY-KD-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
K1-076 UNSEMI-K1-076 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA UNSEMI-KA Datasheet
2Mb / 4P
3KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KB UNSEMI-KB Datasheet
2Mb / 4P
6KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KC UNSEMI-KC Datasheet
2Mb / 4P
10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KD UNSEMI-KD Datasheet
2Mb / 4P
15KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com