전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGFL45V1920 데이터시트(PDF) 1 Page - Mitsubishi Electric Semiconductor

부품명 MGFL45V1920
상세설명  1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFL45V1920 데이터시트(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFL45V1920 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFL45V1920 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFL45V1920 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


유사한 부품 번호 - MGFL45V1920

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
50Kb / 1P
1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
251Kb / 3P
1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
124Kb / 3P
1.9-2.0 GHz BAND / 32W
MGFL45V1920A MITSUBISHI-MGFL45V1920A_04 Datasheet
251Kb / 3P
1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A_11 Datasheet
124Kb / 3P
1.9-2.0 GHz BAND / 32W
More results

유사한 설명 - MGFL45V1920

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFK39V4045 MITSUBISHI-MGFK39V4045 Datasheet
20Kb / 1P
14.0-14.5GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
50Kb / 1P
1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFL48L1920 MITSUBISHI-MGFL48L1920 Datasheet
303Kb / 5P
1.9-2.0GHz BAND 60W GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735 Datasheet
93Kb / 2P
2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFS45V2123 MITSUBISHI-MGFS45V2123 Datasheet
25Kb / 2P
2.1 - 2.3GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
48Kb / 1P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2325A MITSUBISHI-MGFS45V2325A Datasheet
48Kb / 1P
2.3 - 2.5GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
92Kb / 2P
10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFL48V1920 MITSUBISHI-MGFL48V1920 Datasheet
324Kb / 6P
1.9-2.0GHz BAND 60W GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A_04 Datasheet
251Kb / 3P
1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com