전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGFS45V2123 데이터시트(PDF) 1 Page - Mitsubishi Electric Semiconductor

부품명 MGFS45V2123
상세설명  2.1 - 2.3GHz BAND 30W INTERNALLY MATCHD GaAs FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFS45V2123 데이터시트(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFS45V2123 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFS45V2123 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MGFS45V2123
MITSUBISHI SEMICONDUCTOR <GaAs FET>
2.1~2.3GHz BAND 30W INTERNALLY MATCHD GaAs FET
DESCRIPTION
The MGFS45V2123 is an internally impedance matched
GaAs power FET especially designed for use in 2.1~2.3
GHz band amplifiers. The hermetically sealed metal-ceramic
package guarantees high reliability.
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
ELECTRICAL CHARACTERISTICS (Ta=25°C)
MITSUBISHI
ELECTRIC
%
*1 : item -51, 2 tone test, Po=34.5dBm Single Carrier Level, f=2.1, 2.2, 2.3GHz,
∆f=5MHz
*2 : Channel to case
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Saturated drain current
VDS=3V, ID=60mA
V
Output power at 1dB gain
compression
45
dBm
Linear power gain
12
dB
Drain current
VDS=10V, ID(RF off)=6.5A, f=2.1~2.3GHz
7.5
A
ηadd
Power added efficiency
45
IM3
3rd order IM distortion
1.7
dBc
Rth (ch-c)
Thermal resistance
∆Vf method
°C/W
Forward gate current
76
mA
Parameter
Ratings
Unit
Gate to drain voltage
-15
V
-15
Gate to source voltage
22
Drain current
-61
A
Channel temperature
-65 ~ +175
°C
°C
item 01 : 2.1~2.3GHz band power amplifier
item 51 : 2.1~2.3GHz band digital radio communication
APPLICATION
*2
ID
GLP
P1dB
VGS (off)
-45
11
-5
Limits
Storage temperature
Total power dissipation
IGF
Symbol
VGDO
VGSO
ID
Tch
Tstg
PT
IGR
Reverse gate current
175
88
W
mA
V
*1 : Tc=25°C
*1
-42
44
OUTLINE DRAWING
Until : millimeters (inches)
GF-38
(1) GATE
(2) Source (FLANGE)
(3) DRAIN
< Keep safety first in your circuit designs! >
Mitsubishi Electric Corporation puts the maximum effort into
making semiconductor products better and more reliable,
but there is always the possibility that trouble may occur
with them.Trouble with semiconductors may lead to personal
injury, fire or property damage. Remember to give due
consideration to safety when making your circuit designs,
with appropriate measures such as (i)placement of
substitutive, auxiliary circuits, (ii)use of non-flammable
material or (iii)prevention against any malfunction or mishap.
Class A operation
FEATURES
High power gain
GLP=12dB (TYP.) @f=2.1~2.3GHz
High power added efficiency
ηadd=45% (TYP.) @f=2.1~2.3GHz
Loe distortion [item -51]
IM3= -45dBc (TYP.) @Po=34.5dBm S.C.L.
High output power
P1dB=30W (TYP.) @f=2.1~2.3GHz
Internally matched to 50 (
Ω) system
QUALITY GRADE
IG
RECOMMENDED BIAS CONDITIONS
VDS=10V
ID=6.5A
RG=25
*1
20.4±0.2 (0.803±0.008)
16.7 (0.658)
0.6±0.15
(0.024±0.006)
24±0.3 (0.945±0.012)
R1.2


유사한 부품 번호 - MGFS45V2123

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
48Kb / 1P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
237Kb / 2P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
118Kb / 2P
2.1-2.3 GHz BAND / 32W
MGFS45V2123A MITSUBISHI-MGFS45V2123A_04 Datasheet
237Kb / 2P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A_11 Datasheet
118Kb / 2P
2.1-2.3 GHz BAND / 32W
More results

유사한 설명 - MGFS45V2123

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFK39V4045 MITSUBISHI-MGFK39V4045 Datasheet
20Kb / 1P
14.0-14.5GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
50Kb / 1P
1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735 Datasheet
93Kb / 2P
2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
48Kb / 1P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2325 MITSUBISHI-MGFS45V2325 Datasheet
27Kb / 2P
2.3 - 2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2325A MITSUBISHI-MGFS45V2325A Datasheet
48Kb / 1P
2.3 - 2.5GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2527 MITSUBISHI-MGFS45V2527 Datasheet
32Kb / 2P
2.5 - 2.7GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2735 MITSUBISHI-MGFS45V2735 Datasheet
156Kb / 2P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
92Kb / 2P
10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A_04 Datasheet
237Kb / 2P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com