전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGFS45V2123 데이터시트(PDF) 2 Page - Mitsubishi Electric Semiconductor

부품명 MGFS45V2123
상세설명  2.1 - 2.3GHz BAND 30W INTERNALLY MATCHD GaAs FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFS45V2123 데이터시트(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFS45V2123 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFS45V2123 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUBISHI
ELECTRIC
MGFS45V2123
MITSUBISHI SEMICONDUCTOR <GaAs FET>
2.1~2.3GHz BAND 30W INTERNALLY MATCHD GaAs FET
P1dB,GLP vs. Freq.
Frequency (GHz)
41
42
43
44
45
46
2.05
2.10
2.15
2.20
2.25
2.30
2.35
12
13
14
15
16
17
P1dB
GLP
VDS=10V
IDS=6.5A
Po,
ηadd vs. Pin
20
25
30
35
40
45
50
15
20
25
30
35
40
Input power Pin (dBm)
10
20
30
40
50
60
70
VDS=10V
IDS=6.5A
f=2.2GHz
Po
ηadd
Po,IM3 vs. Pin
28
30
32
34
36
38
40
15
17
19
21
23
25
27
29
Input power Pin (dBm S.C.L.)
-60
-50
-40
-30
-20
-10
0
VDS=10V
IDS=6.5A
f1=2.300GHz
f2=2.305GHz
Po
IM3
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
0.31
0.26
0.27
0.31
0.35
0.37
0.38
0.36
0.32
-34
-77
-120
-153
-178
161
143
126
107
4.76
4.96
5.02
4.99
4.88
4.79
4.69
4.62
4.56
148
129
109
90
73
56
39
22
5
0.031
0.032
0.035
0.035
0.034
0.034
0.035
0.036
0.037
123
99
76
53
31
17
-4
-22
-39
0.39
0.34
0.30
0.28
0.29
0.30
0.33
0.36
0.40
17
-2
-26
-51
-72
-92
-109
-123
-134
f
(GHz)
S-Parameter (TYP.)
S11
Magn.
Angle(deg)
Magn.
Angle(deg)
Magn.
Angle(deg)
Magn.
Angle(deg)
S21
S12
S22
S Parameters ( Tc=25˚C, VDS=10V, IDS=6.5A )
TYPICAL CHARACTERISTICS


유사한 부품 번호 - MGFS45V2123

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
48Kb / 1P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
237Kb / 2P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
118Kb / 2P
2.1-2.3 GHz BAND / 32W
MGFS45V2123A MITSUBISHI-MGFS45V2123A_04 Datasheet
237Kb / 2P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A_11 Datasheet
118Kb / 2P
2.1-2.3 GHz BAND / 32W
More results

유사한 설명 - MGFS45V2123

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFK39V4045 MITSUBISHI-MGFK39V4045 Datasheet
20Kb / 1P
14.0-14.5GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
50Kb / 1P
1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735 Datasheet
93Kb / 2P
2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
48Kb / 1P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2325 MITSUBISHI-MGFS45V2325 Datasheet
27Kb / 2P
2.3 - 2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2325A MITSUBISHI-MGFS45V2325A Datasheet
48Kb / 1P
2.3 - 2.5GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2527 MITSUBISHI-MGFS45V2527 Datasheet
32Kb / 2P
2.5 - 2.7GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2735 MITSUBISHI-MGFS45V2735 Datasheet
156Kb / 2P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
92Kb / 2P
10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A_04 Datasheet
237Kb / 2P
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com