전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2615011136000 데이터시트(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 2615011136000
상세설명  WIRL-CLTI Adrastea-I LTE-Cat.M and NB-IoT module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

2615011136000 데이터시트(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  2615011136000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 2615011136000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 2615011136000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 2615011136000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 2615011136000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 2615011136000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 2615011136000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 2615011136000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Packaging Specification - Tape: [mm]
End
Feeding direction
Start
Cover Tape
T
K0
T1
T2
Top Cover
Tape
Carrier Tape
No Component
min. 160mm
Components
No Component
min. 100mm
Cover Tape
min. 400mm
A0
D1
P1
P2
P0
D0
A
A
Tape Type
A0
(mm)
B0
(mm)
W
(mm)
T
(mm)
T1
(mm)
T2
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
D0
(mm)
D1
(mm)
E1
(mm)
E2
(mm)
F
(mm)
Material
Qty.
(pcs.)
Tolerance
typ.
typ.
+0,3/ -0,1
ref.
ref.
typ.
typ.
±0,1
±0,1
±0,1
+0,1/ -0,0
min.
±0,1
min.
±0,1
Value
2a
13,80
15,00
24,00
0,40
0,10
3,00
2,50
4,00
20,00
2,00
1,50
1,50
1,75
22,25
11,50
Polystyrene
500
165° - 180°
Pull-of force
Tape width
24 mm
0,1 N - 1,3 N
Packaging Specification - Reel: [mm]
B
C
W1
close to center
W3
W2
detail B
Cover Tape
Chip Cavity
Sprocket Hole
Embossment
B
A
(mm)
B
(mm)
C
(mm)
D
(mm)
N
(mm)
W1
(mm)
W2
(mm)
W3
(mm)
W3
(mm)
Material
Tolerance
± 2,0
min.
min.
min.
min.
+ 2,0
max.
min.
max.
Value
330,00
1,50
12,80
20,20
60,00
24,40
30,40
23,90
27,40
Polystyrene
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
RaSi
002.000
2022-05-16
DIN ISO 2768-1m
DESCRIPTION
WIRL-CLTI Adrastea-I
LTE-Cat.M and NB-IoT module
ORDER CODE
2615011136000
BUSINESS UNIT
STATUS
PAGE
eiSmart
Valid
6/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 2615011136000

제조업체부품명데이터시트상세설명
logo
Integrated Technology F...
261501B ITF-261501B Datasheet
165Kb / 2P
230.5 MHz SAW Filter
More results

유사한 설명 - 2615011136000

제조업체부품명데이터시트상세설명
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
LTE-M / NB-IoT modules with secure cloud
UBX-R5 U-BLOX-UBX-R5 Datasheet
158Kb / 2P
Multi-band LTE-M / NB-IoT chipset
logo
List of Unclassifed Man...
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
logo
Digi International Inc.
XK3-C-N1-UT-E DIGI-XK3-C-N1-UT-E Datasheet
269Kb / 3P
DIGI XBEE 3 CELLULAR LTE-M/NB-IOT
logo
Nordic Semiconductor
NRF9160 NORDIC-NRF9160_V01 Datasheet
6Mb / 400P
Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
List of Unclassifed Man...
EXS62 ETC-EXS62 Datasheet
485Kb / 4P
LTE-M, NB-IoT and 2G – LPWAN connectivity ready for prime time
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com