전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I-BMS15 데이터시트(PDF) 2 Page - Sensata Technologies, Inc.

부품명 I-BMS15
상세설명  Integrated Battery Management System for 15 cells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

I-BMS15 데이터시트(HTML) 2 Page - Sensata Technologies, Inc.

  I-BMS15 Datasheet HTML 1Page - Sensata Technologies, Inc. I-BMS15 Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LiBAL i-BMS15™
Integrated Battery Management System for 15 cells
PARAMETERS
SPECIFICATIONS
SOC accuracy
±3%
SOH accuracy
±2% -point from 80% SOC
Balancing efficiency
200mA per cell
Accuracy of HV measurement
±100 mV
Accuracy of temperature measurement (NTC)
±1 °C (from -10 to 70 °C)
Standby consumption (sleep mode)
3.12 mW (Max)
Active consumption
1.5 W (Max)
Cell balancing current
200 mA
Cell voltage, current, and temperature sampling frequency
100 mS
Single cell voltage measurement accuracy (0,5 – 4,5 Vdc)
±1,6 mV (at 25 °C)
Current measurement accuracy
±0,5% @ 120A
Range of temperature measurements
From -40 to +120 °C
Number of Voltage channels
8-15 channels
Range of HV measurement
17 – 60V
Detectable cell voltage range
0-5 Vdc
Maximum current, continuous
Peak current in maximum 10 seconds
Dimensions (L x W x H) & weight
Temperature channels
On-board current measurement
On-board power disconnect
CAN ports
On-board RTC
Pre-charge control on board
Bi-directional current protection
Number of GPIOs
Maximum drain voltage of GPIOs
Maximum guaranteed GPIO continuous drain current
Communication
Charger Control Interface, Diagnostics Interface
Parallal pack / “Hot Swap” functionality
Adjustable freeze frame memory
SOP estimation based on cell degradation
DC/DC auto-off shut-down
100A (per parallel string, subject to variations between strings)
150A (per parallel string, subject to variations between strings)
200 x 65 x 18 mm, 93g
4 on-board, 6 external (NTC)
Yes – Auto-calibrated on-board shunt
Yes
1
Yes
Yes – 300 mS for 7 mF via 10 Ω
Yes
4 independent open drain outputs
36V (max 30V)
0.7A (max 0.5A)
CAN communication CAN 2.0 A/B; 11 bit and 29 bit ID’s
CAN, CAN UDS
Yes, 6 battery packs
Yes – Defaults to 18s of data with 150 entry samples leading to event
Yes – 3 configurable time intervals
Yes
i-BMS15
Dimensions in MM
www.lithiumbalance.com
contact@lithiumbalance.com
Tel:
+45 5851 5104
LiTHIUM BALANCE A/S
Hassellunden 13
2765 Smørum, Denmark
200,00
39,00
44,00
151,00


유사한 설명 - I-BMS15

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
L9961 STMICROELECTRONICS-L9961_V01 Datasheet
1Mb / 65P
   Battery management system solution
Rev 3 - January 2023
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
   Battery Management Power System
Rev: B
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
   Battery Charge Management System
logo
Linear Technology
LTC1325 LINER-LTC1325_15 Datasheet
340Kb / 24P
   Microprocessor-Controlled Battery Management System
LTC1325 LINER-LTC1325 Datasheet
406Kb / 24P
   Microprocessor-Controlled Battery Management System
logo
Sumida Corporation
CEP99 SUMIDA-CEP99 Datasheet
181Kb / 1P
   Battery management system of automobiles
logo
Analog Devices
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
   . USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Adam Technologies, Inc.
BH-102B-5 ADAM-TECH-BH-102B-5 Datasheet
162Kb / 1P
   BATTERY HOLDER, FOR TWO "AAA" CELLS, SMT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com