전자부품 데이터시트 검색엔진 |
|
I.MX8 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
|
I.MX8 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 148 page Introduction i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors, Rev. 0, 03/2024 NXP Semiconductors 2 The i.MX 8QuadPlus processor offers numerous advanced features as shown in this table. Table 1. i.MX 8QuadPlus advanced features Function Feature Multicore architecture provides 4 Cortex-A53, Cortex-A72 cores, and 2 Cortex-M4F cores AArch64 for 64-bit support and new architectural features AArch32 for full backward compatibility with ARMv7 Cortex-A72 and Cortex-A53 cores support ARM virtualization extensions. sMMU provides address virtualization to all subsystems. Cortex-M4F cores for real-time applications Graphics Processing Unit (GPU) 16 Vec4 shaders with 64 execution units. Split GPU architecture allows for dual independent 8-Vec4 shader GPUs or a combined 16-Vec4 shader GPU. Supports OpenGL 3.0, 2.1,; OpenGL ES 3.2, 3.1 (with AEP), 3.0, 2.0, and 1.1; OpenCL 1.2 Full Profile and 1.1; OpenVG 1.1; and Vulkan High-performance 2D Blit Engine Video Processing Unit (VPU) H.265 decode (4Kp60) H.264 decode (4Kp30) WMV9/VC-1 imple decode MPEG 1 and 2 decode AVS decode MPEG4.2 ASP, H.263, Sorenson Spark decode Divx 3.11 including GMC decode ON2/Google VP6/VP8 decode RealVideo 8/9/10 decode JPEG and MJPEG decode H.264 encode (1080p30) Tensilica HiFi 4 DSP for pre- and post-processing 666 MHz Fixed-point and vector-floating-point support 32 KB instruction cache, 48 KB data cache, 512 KB SRAM (448 KB of OCRAM and 64 KB of TCM) Memory 64-bit LPDDR4 @1600 MHz 1 Quad SPI which can be used to connect to an FPGA 2 Quad SPI or 1 Octal SPI (FlexSPI) for fast boot from SPI NOR flash 2 SD 3.0 card interfaces 1 eMMC5.1/SD3.0 RAW NAND (62-bit ECC support via BCH-62 module) |
유사한 부품 번호 - I.MX8 |
|
유사한 설명 - I.MX8 |