전자부품 데이터시트 검색엔진 |
|
I.MX8 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
|
I.MX8 데이터시트(HTML) 3 Page - NXP Semiconductors |
3 / 148 page Introduction i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors, Rev. 0, 03/2024 NXP Semiconductors 3 Display Controller Supports single UltraHD 4Kp60 display or up to 4 independent FullHD 1080p60 displays Up to 18-layer composition Complementary 2D blitting engines and online warping functionality Integrated Failover Path (SafeAssure) to ensure display content stays valid even in event of a software failure Display I/O 2 MIPI-DSI with 4 lanes each 1 HDMI-TX/DisplayPort compliant with: • HDMI • eDP 1.4 • DP 1.3 This high performance serializer supports a pair of LVDS displays with 8 lanes each. Each port can be configured for 2x Tx with 4 lanes each. Camera I/O and video • 2 MIPI-CSI with 4-lanes each • 1 HDMI-RX (See restrictions in Section 4.10.8) Security Advanced High Assurance Boot (AHAB) secure & encrypted boot Random Number Generator with a high-quality entropy source generator and Hash_DRBG (based on hash functions) RSA up to 4096, Elliptic Curve up to 1023 AES-128/192/256, DES, 3DES, MD5, SHA-1, SHA-224/256/384/512 Dedicated Security Controller for Flashless SHE and HSM support, Trustzone Built-in ECDSA/DSA protocol support See the security reference manual for this chip for a full list of security features. System Control • 2 I2C tightly coupled with Cortex-M4 cores (1 per Cortex M4F core) • The tightly coupled M4 I2C ports cannot be used for general-purpose use • System Control Unit (SCU): • Power control, clocks, reset • Boot ROMs • PMIC interface • Resource Domain Controller Table 1. i.MX 8QuadPlus advanced features (continued) Function Feature |
유사한 부품 번호 - I.MX8 |
|
유사한 설명 - I.MX8 |