전자부품 데이터시트 검색엔진 |
|
I.MX8 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
|
I.MX8 데이터시트(HTML) 5 Page - NXP Semiconductors |
5 / 148 page Introduction i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors, Rev. 0, 03/2024 NXP Semiconductors 5 1.1 Ordering Information The following table provides the ordering information. 1.2 System Controller Firmware (SCFW) Requirements The i.MX 8 and 8X families require a minimum SCFW release version for correct operation and to prevent potential reliability issues. The SCFW is released as part of a Board Support Package (e.g. Linux,Android) which may vary in version number for a specific BSP. For example, LF6.6.y_2.0.0 GA contains SCFW version 1.16, Whereas 5.10.0_1.0.0 GA contains SCFW version 1.8.0. For i.MX 8 part numbers in this datasheet, LF6.6.y_2.0.0 GA and SCFW 1.16 or later MUST be used. The released SCFW version associated within each BSP is the minimum version required to correctly support the wider BSP functionality. Customers should always check that they are using the specific SCFW binary delivered within their chosen BSP release. Customers should not mix newer BSP versions with older revisions of the SCFW. 1.3 Related resources Table 2. i.MX 8QuadPlus Orderable part numbers Part Number Options Cortex-A72 Cortex-A53 Cortex-M4F GPU Qualification Tier Package MIMX8QP5AVUFEAB 1 x VPU One @ 1.296 GHz Four @ 1.2 GHz Two @ 264 MHz Two @ 625 MHz Automotive AEC-Q100 29 mm 29 mm 0.75 mm pitch FCPBGA (lidded) MIMX8QP6AVUFEAB 1 x VPU 1 x DSP Table 3. Related resources Type Description Reference manual The i.MX 8QuadMax Applications Processor Reference Manual (IMX8QMRM) contains a comprehensive description of the structure and function (operation) of the QuadPlus SoC. Data sheet This data sheet includes electrical characteristics and signal connections. Chip Errata The chip mask set errata provides additional and/or corrective information for a particular device mask set. Package drawing Package dimensions are provided in Section 6, “Package information and contact assignments".” Hardware guide The i.MX 8QuadMax/8QuadPlus Hardware Developer’s Guide (IMX8HWDG) provides system design guidelines. |
유사한 부품 번호 - I.MX8 |
|
유사한 설명 - I.MX8 |