전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR3715PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRLR3715PBF
상세설명  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR3715PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRLR3715PBF Datasheet HTML 1Page - International Rectifier IRLR3715PBF Datasheet HTML 2Page - International Rectifier IRLR3715PBF Datasheet HTML 3Page - International Rectifier IRLR3715PBF Datasheet HTML 4Page - International Rectifier IRLR3715PBF Datasheet HTML 5Page - International Rectifier IRLR3715PBF Datasheet HTML 6Page - International Rectifier IRLR3715PBF Datasheet HTML 7Page - International Rectifier IRLR3715PBF Datasheet HTML 8Page - International Rectifier IRLR3715PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRLR/U3715PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
1000
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
0
5
10
15
20
25
0
2
4
6
8
10
12
14
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
21A
V
= 10V
DS
V
= 16V
DS
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
1
10
100
VDS , Drain-toSource Voltage (V)
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec


유사한 부품 번호 - IRLR3715PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR3715 IRF-IRLR3715 Datasheet
122Kb / 10P
SMPS MOSFET
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715Z IRF-IRLR3715Z Datasheet
202Kb / 11P
HEXFET Power MOSFET
IRLR3715Z IRF-IRLR3715Z Datasheet
211Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR3715Z KERSEMI-IRLR3715Z Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
More results

유사한 설명 - IRLR3715PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com