전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR3715PBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRLR3715PBF
상세설명  SMPS MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR3715PBF 데이터시트(HTML) 5 Page - International Rectifier

  IRLR3715PBF Datasheet HTML 1Page - International Rectifier IRLR3715PBF Datasheet HTML 2Page - International Rectifier IRLR3715PBF Datasheet HTML 3Page - International Rectifier IRLR3715PBF Datasheet HTML 4Page - International Rectifier IRLR3715PBF Datasheet HTML 5Page - International Rectifier IRLR3715PBF Datasheet HTML 6Page - International Rectifier IRLR3715PBF Datasheet HTML 7Page - International Rectifier IRLR3715PBF Datasheet HTML 8Page - International Rectifier IRLR3715PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRLR/U3715PbF
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
4.5V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
175
0
10
20
30
40
50
60
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE


유사한 부품 번호 - IRLR3715PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR3715 IRF-IRLR3715 Datasheet
122Kb / 10P
SMPS MOSFET
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715Z IRF-IRLR3715Z Datasheet
202Kb / 11P
HEXFET Power MOSFET
IRLR3715Z IRF-IRLR3715Z Datasheet
211Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR3715Z KERSEMI-IRLR3715Z Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
More results

유사한 설명 - IRLR3715PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com