전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR3715PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRLR3715PBF
상세설명  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR3715PBF 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRLR3715PBF Datasheet HTML 2Page - International Rectifier IRLR3715PBF Datasheet HTML 3Page - International Rectifier IRLR3715PBF Datasheet HTML 4Page - International Rectifier IRLR3715PBF Datasheet HTML 5Page - International Rectifier IRLR3715PBF Datasheet HTML 6Page - International Rectifier IRLR3715PBF Datasheet HTML 7Page - International Rectifier IRLR3715PBF Datasheet HTML 8Page - International Rectifier IRLR3715PBF Datasheet HTML 9Page - International Rectifier IRLR3715PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLR/U3715PbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
4.5 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
25
50
75
100
125
150
175
0
40
80
120
160
200
240
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
8.5A
15A
21A
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS


유사한 부품 번호 - IRLR3715PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR3715 IRF-IRLR3715 Datasheet
122Kb / 10P
SMPS MOSFET
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715Z IRF-IRLR3715Z Datasheet
202Kb / 11P
HEXFET Power MOSFET
IRLR3715Z IRF-IRLR3715Z Datasheet
211Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR3715Z KERSEMI-IRLR3715Z Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
More results

유사한 설명 - IRLR3715PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com