전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IA188EM-PQF100I-R 데이터시트(PDF) 110 Page - InnovASIC, Inc

부품명 IA188EM-PQF100I-R
상세설명  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INNOVASIC [InnovASIC, Inc]
홈페이지  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PQF100I-R 데이터시트(HTML) 110 Page - InnovASIC, Inc

Back Button IA188EM-PQF100I-R Datasheet HTML 106Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 107Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 108Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 109Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 110Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 111Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 112Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 113Page - InnovASIC, Inc IA188EM-PQF100I-R Datasheet HTML 114Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com
Ready and Peripheral Timing Requirements
47
tSRYCL
srdy Transition Setup Time
10
ns
48
tCLSRY
srdy Transistion Hold Time
3
ns
49
tARYCH
ardy Resolution Transition Setup Time
9
ns
50
tCLARX
ardy Active Hold Time
4
ns
51
tARYCHL
ardy Inactive Holding Time
6
ns
52
tARYLCL
ardy Setup Time
9
ns
53
tINVCH
Peripheral Setup Time
10
ns
54
tINVCL
drq Setup Time
10
ns
Peripheral Timing Responses
55
tCLTMV
Timer Output Delay
0
12
ns
Reset 1
0ns
20ns
40ns
60ns
80ns
100ns
120ns
140ns
160ns
x1
res_n
clkoutA
Low for N x1 Cycles
57
57
Reset 2
0ns
20ns
40ns
60ns
80ns
100ns
120ns
140ns
160ns
1
res_n
clkoutA
aden_n/s6/clkdiv2,uzi_n
ad[15:0],a0[15:8],ad[7:0]
tri-state
tri-state
bhe_n/aden_n,rfsh2_n/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More