전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCN2651CC1N28 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 SCN2651CC1N28
상세설명  Programmable communications interface PCI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2651CC1N28 데이터시트(HTML) 1 Page - NXP Semiconductors

  SCN2651CC1N28 Datasheet HTML 1Page - NXP Semiconductors SCN2651CC1N28 Datasheet HTML 2Page - NXP Semiconductors SCN2651CC1N28 Datasheet HTML 3Page - NXP Semiconductors SCN2651CC1N28 Datasheet HTML 4Page - NXP Semiconductors SCN2651CC1N28 Datasheet HTML 5Page - NXP Semiconductors SCN2651CC1N28 Datasheet HTML 6Page - NXP Semiconductors SCN2651CC1N28 Datasheet HTML 7Page - NXP Semiconductors SCN2651CC1N28 Datasheet HTML 8Page - NXP Semiconductors SCN2651CC1N28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Philips Semiconductors
Product specification
SCN2651
Programmable communications interface (PCI)
1
1994 Apr 27
853-1067 12793
DESCRIPTION
The Philips Semiconductors SCN2651 PCI is a universal
synchronous/asynchronous data communications controller chip
designed for microcomputer systems. It interfaces directly to the
Philips Semiconductors SCN2650 microprocessor and may be used
in a polled or interrupt driven system environment. The SCN2651
accepts programmed instructions from the microprocessor and
supports many serial data communication disciplines, synchronous
and asynchronous, in the full or half-duplex mode.
The PCI serializes parallel data characters received from the
microprocessor for transmission. Simultaneously, it can receive
serial data and convert it into parallel data characters for input to the
microcomputer.
The SCN2651 contains a baud rate generator which can be
programmed to either accept an external clock or to generate
internal transmit or receive clocks. Sixteen different baud rates can
be selected under program control when operating in the internal
clock mode.
The PCI is constructed using Philips Semiconductors n-channel
silicon gate depletion load technology and is packaged in a 28-pin
DIP.
FEATURES
Synchronous operation
– 5- to 8-bit characters
– Single or double SYN operation
– Internal character synchronization
– Transparent or non-transparent mode
– Automatic SYN or DLE-SYN insertion
– SYN or DLE stripping
– Odd, even, or no parity
– Local or remote maintenance loopback mode
– Baud rate: DC to 1Mbps (1X clock)
Asynchronous operation
– 5- to 8-bit characters
– 1, 1-1/2 or 2 stop bits
– Odd, even, or no parity
– Parity, overrun and framing error detection
– Line break detection and generation
– False start bit detection
– Automatic serial echo mode
– Local or remote maintenance loopback mode
– Baud rate: DC to 1Mbps
(1X clock)
DC to 62.5kbps (16X clock)
DC to 15.625kbps
(64X clock)
PIN CONFIGURATIONS
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
D1
D0
VCC
RxC
DTR
RTS
DSR
RESET
BRCLK
TxD
TxEMT/DSCHG
CTS
DCD
TxRDY
RxRDY
R/W
A0
CE
A1
TxC
D7
D6
D5
D4
GND
RxD
D3
D2
DIP
TOP VIEW
SD00049
OTHER FEATURES
Internal or external baud rate clock
16 internal rates – 50 to 19,200 baud
Double buffered transmitter and receiver
Full or half duplex operation
TTL compatible inputs and outputs
Single 5V power supply
No system clock required
28-pin dual in-line package
APPLICATIONS
Intelligent terminals
Network processors
Front-end processors
Remote data concentrators
Computer to computer links
Serial peripherals
ORDERING CODE
PACKAGES
VCC = 5V +5%
DWG #
PACKAGES
Commercial
0
°C to +70°C
Industrial
-40
°C to +85°C
DWG #
0
°C to +70°C
-40
°C to +85°C
28-Pin Plastic Dual In-Line Package (DIP)
SCN2651CC1N28
Not available
SOT117-2


유사한 부품 번호 - SCN2651CC1N28

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2F40 PHILIPS-SCN2652AC2F40 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
More results

유사한 설명 - SCN2651CC1N28

제조업체부품명데이터시트상세설명
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
Programmable Communications Interface
logo
NXP Semiconductors
SCN2661 PHILIPS-SCN2661 Datasheet
131Kb / 19P
Enhanced programmable communications interface EPCI
1994 Apr 27
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
Communications Interface
ACPL-M61U-000E AVAGO-ACPL-M61U-000E Datasheet
255Kb / 9P
CANBus Communications Interface
logo
List of Unclassifed Man...
C518 ETC2-C518 Datasheet
239Kb / 1P
PCI-based Serial Communications Cards
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
isoSPI Isolated Communications Interface
logo
Motorola, Inc
MC6850 MOTOROLA-MC6850 Datasheet
1Mb / 12P
ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
List of Unclassifed Man...
R65C51 ETC-R65C51 Datasheet
1Mb / 19P
ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com