전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 110 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 110 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 106Page - Microchip Technology PIC18F4331 Datasheet HTML 107Page - Microchip Technology PIC18F4331 Datasheet HTML 108Page - Microchip Technology PIC18F4331 Datasheet HTML 109Page - Microchip Technology PIC18F4331 Datasheet HTML 110Page - Microchip Technology PIC18F4331 Datasheet HTML 111Page - Microchip Technology PIC18F4331 Datasheet HTML 112Page - Microchip Technology PIC18F4331 Datasheet HTML 113Page - Microchip Technology PIC18F4331 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 108
Preliminary
© 2007 Microchip Technology Inc.
9.6
INTx Pin Interrupts
External interrupts on the RC3/INT0, RC4/INT1 and
RC5/INT2 pins are edge-triggered; either rising if the
corresponding INTEDGx bit is set in the INTCON2
register, or falling if the INTEDGx bit is clear. When a
valid edge appears on the RC3/INT0 pin, the
corresponding flag bit, INTxIF is set. This interrupt can
be disabled by clearing the corresponding enable bit,
INTxIE. Flag bit, INTxIF, must be cleared in software in
the Interrupt Service Routine before re-enabling the
interrupt. All external interrupts (INT0, INT1 and INT2)
can wake-up the processor from the power-managed
modes if bit INTxIE was set prior to going into power-
managed modes. If the Global Interrupt Enable bit
(GIE) is set, the processor will branch to the interrupt
vector following wake-up.
Interrupt priority for INT1 and INT2 is determined by
the value contained in the interrupt priority bits,
INT1IP (INTCON3<6>) and INT2IP (INTCON3<7>).
There is no priority bit associated with INT0. It is
always a high-priority interrupt source.
9.7
TMR0 Interrupt
In 8-bit mode (which is the default), an overflow
(FFh
→ 00h) in the TMR0 register will set flag bit,
TMR0IF. In 16-bit mode, an overflow (FFFFh
→ 0000h)
in the TMR0H:TMR0L registers will set flag bit,
TMR0IF. The interrupt can be enabled/disabled by
setting/clearing enable bit, TMR0IE (INTCON<5>).
Interrupt priority for Timer0 is determined by the value
contained in the interrupt priority bit, TMR0IP
(INTCON2<2>). See Section 11.0 “Timer0 Module”
for further details.
9.8
PORTB Interrupt-on-Change
An input change on PORTB<7:4> sets flag bit, RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit, RBIE (INTCON<3>).
Interrupt priority for PORTB interrupt-on-change is
determined by the value contained in the interrupt
priority bit, RBIP (INTCON2<0>).
9.9
Context Saving During Interrupts
During interrupts, the return PC address is saved on
the stack. Additionally, the WREG, STATUS and BSR
registers are saved on the fast return stack. If a fast
return from interrupt is not used (see Section 5.3 “Fast
Register Stack”), the user may need to save the
WREG, STATUS and BSR registers on entry to the
Interrupt Service Routine. Depending on the user’s
application, other registers may also need to be saved.
Example 9-1 saves and restores the WREG, STATUS
and BSR registers during an Interrupt Service Routine.
EXAMPLE 9-1:
SAVING STATUS, WREG AND BSR REGISTERS IN RAM
MOVWF
W_TEMP
; W_TEMP is in virtual bank
MOVFF
STATUS, STATUS_TEMP
; STATUS_TEMP located anywhere
MOVFF
BSR, BSR_TEMP
; BSR_TMEP located anywhere
;
; USER ISR CODE
;
MOVFF
BSR_TEMP, BSR
; Restore BSR
MOVF
W_TEMP, W
; Restore WREG
MOVFF
STATUS_TEMP, STATUS
; Restore STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com