전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 115 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 115 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 111Page - Microchip Technology PIC18F4331 Datasheet HTML 112Page - Microchip Technology PIC18F4331 Datasheet HTML 113Page - Microchip Technology PIC18F4331 Datasheet HTML 114Page - Microchip Technology PIC18F4331 Datasheet HTML 115Page - Microchip Technology PIC18F4331 Datasheet HTML 116Page - Microchip Technology PIC18F4331 Datasheet HTML 117Page - Microchip Technology PIC18F4331 Datasheet HTML 118Page - Microchip Technology PIC18F4331 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 113
PIC18F2331/2431/4331/4431
TABLE 10-1:
PORTA FUNCTIONS
TABLE 10-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit #
Buffer
Function
RA0/AN0
bit 0
TTL
Input/output or analog input.
RA1/AN1
bit 1
TTL
Input/output or analog input.
RA2/AN2/VREF-/CAP1/INDX
bit 2
TTL/ST Input/output, analog input, VREF-, capture input or QEI index
input.
RA3/AN3/VREF+/CAP2/QEA
bit 3
TTL/ST Input/output, analog input, VREF+, capture input or Quadrature
Channel A input.
RA4/AN4/CAP3/QEB
bit 4
TTL/ST Input/output, analog input, capture input or Quadrature
Channel B input.
RA5/AN5/LVDIN(1)
bit 5
TTL
Input/output, analog input or Low-Voltage Detect input.
OSC2/CLKO/RA6
bit 6
TTL
OSC2, clock output or I/O pin.
OSC1/CLKI/RA7
bit 7
TTL
OSC1, clock input or I/O pin.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1:
Only available on PIC18F4331/4431 devices.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTA
RA7(1)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
xx0x 0000 uu0u 0000
LATA
LATA7(1) LATA6(1) LATA Data Output Register
xxxx xxxx uuuu uuuu
TRISA
TRISA7(1) TRISA6(1) PORTA Data Direction Register
1111 1111 1111 1111
ADCON1 VCFG1
VCFG0
—
FIFOEN BFEMT BFOVFL ADPNT1 ADPNT0 00-0 0000 00-1 0000
ANSEL0
ANS7(2)
ANS6(2) ANS5(2)
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111 1111 1111
ANSEL1
—
—
—
—
—
—
—ANS8(2) ---- ---1 ---- ---1
Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by PORTA.
Note 1: RA7:RA6 and their associated latch and data direction bits are enabled as I/O pins based on oscillator
configuration; otherwise, they are read as ‘0’.
2: ANS5 through ANS8 are available only on the PIC18F4331/4431 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com