전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 121 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 121 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 117Page - Microchip Technology PIC18F4331 Datasheet HTML 118Page - Microchip Technology PIC18F4331 Datasheet HTML 119Page - Microchip Technology PIC18F4331 Datasheet HTML 120Page - Microchip Technology PIC18F4331 Datasheet HTML 121Page - Microchip Technology PIC18F4331 Datasheet HTML 122Page - Microchip Technology PIC18F4331 Datasheet HTML 123Page - Microchip Technology PIC18F4331 Datasheet HTML 124Page - Microchip Technology PIC18F4331 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 119
PIC18F2331/2431/4331/4431
TABLE 10-3:
PORTB FUNCTIONS
TABLE 10-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit #
Buffer
Function
RB0/PWM0
bit 0
TTL(1)
Input/output pin or PCPWM output PWM0. Internal software
programmable weak pull-up.
RB1/PWM1
bit 1
TTL(1)
Input/output pin or PCPWM output PWM1. Internal software
programmable weak pull-up.
RB2/PWM2
bit 2
TTL(1)
Input/output pin or PCPWM output PWM2. Internal software
programmable weak pull-up.
RB3/PWM3
bit 3
TTL(1)
Input/output pin or PCPWM output PWM3. Internal software
programmable weak pull-up.
RB4/KBI0/PWM5
bit 4
TTL
Input/output pin (with interrupt-on-change) or PCPWM output PWM5.
Internal software programmable weak pull-up.
RB5/KBI1/PWM4/
PGM(3)
bit 5
TTL/ST(2)
Input/output pin (with interrupt-on-change) or PCPWM output PWM4.
Internal software programmable weak pull-up.
Low-Voltage ICSP™ enable pin.(3)
RB6/KBI2/PGC
bit 6
TTL/ST(2)
Input/output pin (with interrupt-on-change). Internal software
programmable weak pull-up. Serial programming clock.
RB7/KBI3/PGD
bit 7
TTL/ST(2)
Input/output pin (with interrupt-on-change). Internal software
programmable weak pull-up. Serial programming data.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1:
This buffer is a TTL input when configured as digital I/O.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
Low-Voltage Programming must be enabled.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
LATB
LATB Data Output Register
xxxx xxxx
uuuu uuuu
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
INTCON2
RBPU
INTEDG0 INTEDG1 INTEDG2
—
TMR0IP
—RBIP
1111 -1-1
1111 -1-1
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
11-0 0-00
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’.
Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com