전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 127 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 127 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 123Page - Microchip Technology PIC18F4331 Datasheet HTML 124Page - Microchip Technology PIC18F4331 Datasheet HTML 125Page - Microchip Technology PIC18F4331 Datasheet HTML 126Page - Microchip Technology PIC18F4331 Datasheet HTML 127Page - Microchip Technology PIC18F4331 Datasheet HTML 128Page - Microchip Technology PIC18F4331 Datasheet HTML 129Page - Microchip Technology PIC18F4331 Datasheet HTML 130Page - Microchip Technology PIC18F4331 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 125
PIC18F2331/2431/4331/4431
TABLE 10-5:
PORTC FUNCTIONS
TABLE 10-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit #
Buffer
Type
Function
RC0/T1OSO/T1CKI
bit 0
ST
Input/output port pin or Timer1 oscillator output/Timer1 clock input.
RC1/T1OSI/CCP2/FLTA
bit 1
ST/CMOS Input/output port pin, Timer1 oscillator input, Capture2 input/
Compare2 output/PWM output when CCP2Mx bit is disabled or FLTA
input.
RC2/CCP1/FLTB
bit 2
ST
Input/output port pin, Capture1 input/Compare1 output/PWM1 output
or FLTB input.
RC3/T0CKI/T5CKI/INT0
bit 3
ST
Input/output port pin, Timer0 and Timer5 alternate clock input or
external interrupt 0.
RC4/INT1/SDI/SDA
bit 4
ST
Input/output port pin, SPI data in, I2C™ data I/O or external
interrupt 1.
RC5/INT2/SCK/SCL
bit 5
ST
Input/output port pin, Synchronous Serial Port clock I/O or external
interrupt 2.
RC6/TX/CK/SS
bit 6
ST
Input/output port pin, EUSART asynchronous transmit,
EUSART synchronous clock or SPI slave select input.
RC7/RX/DT/SDO
bit 7
ST
Input/output port pin, EUSART asynchronous receive, EUSART
synchronous data or SPI data out.
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
LATC
LATC Data Output Register
xxxx xxxx
uuuu uuuu
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
INTCON2
RBPU
INTEDG0 INTEDG1 INTEDG2
—
TMR0IP
—
RBIP
1111 -1-1
1111 -1-1
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
11-0 0-00
Legend:
x = unknown, u = unchanged, - = unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com