전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 135 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 135 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 131Page - Microchip Technology PIC18F4331 Datasheet HTML 132Page - Microchip Technology PIC18F4331 Datasheet HTML 133Page - Microchip Technology PIC18F4331 Datasheet HTML 134Page - Microchip Technology PIC18F4331 Datasheet HTML 135Page - Microchip Technology PIC18F4331 Datasheet HTML 136Page - Microchip Technology PIC18F4331 Datasheet HTML 137Page - Microchip Technology PIC18F4331 Datasheet HTML 138Page - Microchip Technology PIC18F4331 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 133
PIC18F2331/2431/4331/4431
TABLE 10-9:
PORTE FUNCTIONS
TABLE 10-10: SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
REGISTER 10-1:
TRISE REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
—
—
—
—
—
TRISE2
TRISE1
TRISE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2
TRISE2: RE2 Direction Control bit
1 = Input
0 = Output
bit 1
TRISE1: RE1 Direction Control bit
1 = Input
0 = Output
bit 0
TRISE0: RE0 Direction Control bit
1 = Input
0 = Output
Name
Bit #
Buffer Type
Function
RE0/AN6
bit 0
ST
Input/output port pin or analog input.
RE1/AN7
bit 1
ST
Input/output port pin or analog input.
RE2/AN8
bit 2
ST
Input/output port pin or analog input.
MCLR/VPP/RE3
bit 3
ST
Input only port pin or programming voltage input (if MCLR is disabled);
Master Clear input or programming voltage input (if MCLR is enabled).
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTE
—
—
—
—RE3(1)
RE2
RE1
RE0
---- q000
---- q000
LATE
—
—
—
—
—
LATE Data Output Register
---- -xxx
---- -uuu
TRISE
—
—
—
—
—
PORTE Data Direction Register ---- -111
---- -111
ANSEL0
ANS7(2)
ANS6(2)
ANS5(2)
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
ANSEL1
—
—
—
—
—
—
—ANS8(2)
---- ---1
---- ---1
Legend:
x = unknown, u = unchanged, - = unimplemented, read as ‘0’, q = value depends on condition.
Shaded cells are not used by PORTE.
Note 1:
Implemented only when Master Clear functionality is disabled (CONFIG3H<7> = 0).
2:
ANS5 through ANS8 are available only on PIC18F4331/4431 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com