전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 142 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 142 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 138Page - Microchip Technology PIC18F4331 Datasheet HTML 139Page - Microchip Technology PIC18F4331 Datasheet HTML 140Page - Microchip Technology PIC18F4331 Datasheet HTML 141Page - Microchip Technology PIC18F4331 Datasheet HTML 142Page - Microchip Technology PIC18F4331 Datasheet HTML 143Page - Microchip Technology PIC18F4331 Datasheet HTML 144Page - Microchip Technology PIC18F4331 Datasheet HTML 145Page - Microchip Technology PIC18F4331 Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 140
Preliminary
© 2007 Microchip Technology Inc.
12.1
Timer1 Operation
Timer1 can operate in one of these modes:
•As a timer
• As a synchronous counter
• As an asynchronous counter
The operating mode is determined by the Timer1 Clock
Select bit, TMR1CS (T1CON<1>).
When TMR1CS = 0, Timer1 increments every instruc-
tion cycle. When TMR1CS = 1, Timer1 increments on
every rising edge of the external clock input or the
Timer1 oscillator, if enabled.
When the Timer1 oscillator is enabled (T1OSCEN is
set), the RC1/T1OSI/CCP2/FLTA and RC0/T1OSO/
T1CKI
pins
become
inputs.
That
is,
the
TRISC1:TRISC0 value is ignored and the pins are read
as ‘0’.
Timer1 also has an internal “Reset input”. This Reset
can be generated by the CCP module (see
Section 15.4.4 “Special Event Trigger”).
FIGURE 12-1:
TIMER1 BLOCK DIAGRAM
FIGURE 12-2:
TIMER1 BLOCK DIAGRAM: 16-BIT READ/WRITE MODE
T1OSC
TMR1H
TMR1L
T1SYNC
TMR1CS
T1CKPS1:T1CKPS0
Peripheral Clocks
FOSC/4
Internal
Clock
TMR1ON
On/Off
Prescaler
1, 2, 4, 8
Synchronize
det
1
0
0
1
Synchronized
Clock Input
2
TMR1IF
Overflow
TMR1
CLR
CCP Special Event Trigger
T1OSCEN
Enable
Oscillator(1)
Interrupt
Flag Bit
Note 1: When enable bit T1OSCEN is cleared, the inverter and feedback resistor are turned off. This eliminates power drain.
T1OSI
T1CKI/T1OSO
Timer1
TMR1L
T1OSC
T1SYNC
TMR1CS
T1CKPS1:T1CKPS0
Peripheral Clocks
T1OSCEN
Enable
Oscillator(1)
TMR1IF
Overflow
Interrupt
FOSC/4
Internal
Clock
TMR1ON
On/Off
1
0
0
1
Synchronized
Clock Input
2
T1CKI/T1OSO
T1OSI
TMR1
Flag bit
Note 1: When enable bit T1OSCEN is cleared, the inverter and feedback resistor are turned off. This eliminates power drain.
High Byte
Data Bus<7:0>
8
TMR1H
8
8
8
Read TMR1L
Write TMR1L
CLR
CCP Special Event Trigger
Prescaler
1, 2, 4, 8
Synchronize
det



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com