전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 149 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 149 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 145Page - Microchip Technology PIC18F4331 Datasheet HTML 146Page - Microchip Technology PIC18F4331 Datasheet HTML 147Page - Microchip Technology PIC18F4331 Datasheet HTML 148Page - Microchip Technology PIC18F4331 Datasheet HTML 149Page - Microchip Technology PIC18F4331 Datasheet HTML 150Page - Microchip Technology PIC18F4331 Datasheet HTML 151Page - Microchip Technology PIC18F4331 Datasheet HTML 152Page - Microchip Technology PIC18F4331 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 147
PIC18F2331/2431/4331/4431
14.0 TIMER5 MODULE
The Timer5 module implements these features:
• 16-bit timer/counter operation
• Synchronous and Asynchronous Counter modes
• Continuous Count and Single-Shot Operating modes
• Four programmable prescaler values (1:1 to 1:8)
• Interrupt generated on period match
• Special Event Trigger Reset function
• Double-buffered registers
• Operation during Sleep
• CPU wake-up from Sleep
• Selectable hardware Reset input with a wake-up
feature
Timer5 is a general purpose timer/counter that incor-
porates additional features for use with the Motion
Feedback Module (see Section 16.0 “Motion Feed-
back Module”). It may also be used as a general
purpose timer or a Special Event Trigger delay timer.
When used as a general purpose timer, it can be
configured to generate a delayed Special Event Trigger
(e.g., an ADC Special Event Trigger) using a
preprogrammed period delay.
Timer5 is controlled through the Timer5 Control register
(T5CON), shown in Register 14-1. The timer can be
enabled or disabled by setting or clearing the control bit
TMR5ON (T5CON<0>).
A block diagram of Timer5 is shown in Figure 14-1.
REGISTER 14-1:
T5CON: TIMER5 CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
T5SEN
RESEN(1)
T5MOD
T5PS1
T5PS0
T5SYNC(2)
TMR5CS
TMR5ON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
T5SEN: Timer5 Sleep Enable bit
1 = Timer5 enabled during Sleep
0 = Timer5 disabled during Sleep
bit 6
RESEN: Special Event Trigger Reset Enable bit(1)
1 = Special Event Trigger Reset disabled
0 = Special Event Trigger Reset enabled
bit 5
T5MOD: Timer5 Mode bit
1 = Single-Shot mode enabled
0 = Continuous Count mode enabled
bit 4-3
T5PS1:T5PS0: Timer5 Input Clock Prescale Select bits
11 = 1:8
10 = 1:4
01 = 1:2
00 = 1:1
bit 2
T5SYNC: Timer5 External Clock Input Synchronization Select bit(2)
When TMR5CS = 1:
1 = Do not synchronize external clock input
0 = Synchronize external clock input
When TMR5CS = 0:
This bit is ignored. Timer5 uses the internal clock when TMR5CS = 0.
bit 1
TMR5CS: Timer5 Clock Source Select bit
1 = External clock from pin T5CKI
0 = Internal clock (TCY)
bit 0
TMR5ON: Timer5 On bit
1 = Timer5 enabled
0 = Timer5 disabled
Note 1:
These bits are not implemented on PIC18F2331/2431 devices and read as ‘0’.
2:
For Timer5 to operate during Sleep mode, T5SYNC must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com