전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 165 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 165 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 161Page - Microchip Technology PIC18F4331 Datasheet HTML 162Page - Microchip Technology PIC18F4331 Datasheet HTML 163Page - Microchip Technology PIC18F4331 Datasheet HTML 164Page - Microchip Technology PIC18F4331 Datasheet HTML 165Page - Microchip Technology PIC18F4331 Datasheet HTML 166Page - Microchip Technology PIC18F4331 Datasheet HTML 167Page - Microchip Technology PIC18F4331 Datasheet HTML 168Page - Microchip Technology PIC18F4331 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 163
PIC18F2331/2431/4331/4431
The three input capture channels are controlled
through
the
Input
Capture
Control
registers,
CAP1CON, CAP2CON and CAP3CON. Each channel
is configured independently with its dedicated register.
The implementation of the registers is identical except
for the Special Event Trigger (see Section 16.1.8
“Special Event Trigger (CAP1 Only)”). The typical
Capture Control register is shown in Register 16-1.
Note:
Throughout this section, references to
registers and bit names that may be asso-
ciated with a specific capture channel will
be referred to generically by the use of the
term ‘x’ in place of the channel number.
For example, ‘CAPxREN’ may refer to the
Capture Reset Enable bit in CAP1CON,
CAP2CON or CAP3CON.
REGISTER 16-1:
CAPxCON: INPUT CAPTURE x CONTROL REGISTER
U-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
CAPxREN
—
—
CAPxM3
CAPxM2
CAPxM1
CAPxM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
CAPxREN: Time Base Reset Enable bit
1 = Enabled
0 = Disable selected time base Reset on capture
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
CAPxM3:CAPxM0: Input Capture x (ICx) Mode Select bits
1111 = Special Event Trigger mode; the trigger occurs on every rising edge on CAP1 input(1)
1110 = Special Event Trigger mode; the trigger occurs on every falling edge on CAP1 input(1)
1101 = Unused
1100 = Unused
1011 = Unused
1010 = Unused
1001 = Unused
1000 = Capture on every CAPx input state change
0111 = Pulse-Width Measurement mode, every rising to falling edge
0110 = Pulse-Width Measurement mode, every falling to rising edge
0101 = Frequency Measurement mode, every rising edge
0100 = Capture mode, every 16th rising edge
0011 = Capture mode, every 4th rising edge
0010 = Capture mode, every rising edge
0001 = Capture mode, every falling edge
0000 = Input Capture x (ICx) off
Note 1:
Special Event Trigger is only available on CAP1. For CAP2 and CAP3, this configuration is unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com