| 전자부품 데이터시트 검색엔진 |
|
PIC16F685-E/PQTP 데이터시트(PDF) 114 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/PQTP 데이터시트(HTML) 114 Page - Microchip Technology |
|
114 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 112 © 2007 Microchip Technology Inc. EXAMPLE 9-1: A/D CONVERSION 9.2.7 ADC REGISTER DEFINITIONS The following registers are used to control the operation of the ADC. ;This code block configures the ADC ;for polling, Vdd reference, Frc clock ;and AN0 input. ; ;Conversion start & polling for completion ; are included. ; BANKSEL ADCON1 ; MOVLW B’01110000’ ;ADC Frc clock MOVWF ADCON1 ; BANKSEL TRISA ; BSF TRISA,0 ;Set RA0 to input BANKSEL ANSEL ; BSF ANSEL,0 ;Set RA0 to analog BANKSEL ADCON0 ; MOVLW B’10000001’ ;Right justify, MOVWF ADCON0 ; Vdd Vref, AN0, On CALL SampleTime ;Acquisiton delay BSF ADCON0,GO ;Start conversion BTFSC ADCON0,GO ;Is conversion done? GOTO $-1 ;No, test again BANKSEL ADRESH ; MOVF ADRESH,W ;Read upper 2 bits MOVWF RESULTHI ;store in GPR space BANKSEL ADRESL ; MOVF ADRESL,W ;Read lower 8 bits MOVWF RESULTLO ;Store in GPR space |