전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F46K20-E/MLSQTP 데이터시트(PDF) 419 Page - Microchip Technology

부품명 PIC18F46K20-E/MLSQTP
상세설명  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46K20-E/MLSQTP 데이터시트(HTML) 419 Page - Microchip Technology

Back Button PIC18F46K20-E/MLSQTP Datasheet HTML 412Page - Microchip Technology PIC18F46K20-E/MLSQTP Datasheet HTML 413Page - Microchip Technology PIC18F46K20-E/MLSQTP Datasheet HTML 414Page - Microchip Technology PIC18F46K20-E/MLSQTP Datasheet HTML 415Page - Microchip Technology PIC18F46K20-E/MLSQTP Datasheet HTML 416Page - Microchip Technology PIC18F46K20-E/MLSQTP Datasheet HTML 417Page - Microchip Technology PIC18F46K20-E/MLSQTP Datasheet HTML 418Page - Microchip Technology PIC18F46K20-E/MLSQTP Datasheet HTML 419Page - Microchip Technology PIC18F46K20-E/MLSQTP Datasheet HTML 420Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 419 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 417
PIC18F2XK20/4XK20
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC18F23K20(1), PIC18F24K20(1), PIC18F25K20(1),
PIC18F26K20(1), PIC18F43K20(1), PIC18F44K20(1),
PIC18F45K20(1), PIC18F46K20(1)
Temperature
Range:
E= -40
°C to +125°C
(Extended)
Package:
ML
=
QFN
P=
PDIP
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny Plastic DIP
SS
=
SSOP
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18F45K20-E/P 301 = Extended temp.,
PDIP package, Extended VDD limits, QTP pat-
tern #301.
b)
PIC18F23K20-E/SO = Extended temp., SOIC
package.
c)
PIC18F44K20-E/P = Extended temp., PDIP
package.
Note 1:
T
= in tape and reel PLCC, and TQFP
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More