전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F23K20-E/SOSQTP 데이터시트(PDF) 171 Page - Microchip Technology

부품명 PIC18F23K20-E/SOSQTP
상세설명  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP 데이터시트(HTML) 171 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 167Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 168Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 169Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 170Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 171Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 172Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 173Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 174Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 169
PIC18F2XK20/4XK20
FIGURE 16-3:
EXAMPLE ENHANCED PWM OUTPUT RELATIONSHIPS (ACTIVE-LOW STATE)
0
Period
00
10
01
11
Signal
PR2+1
P1M<1:0>
P1A Modulated
P1A Modulated
P1B Modulated
P1A Active
P1B Inactive
P1C Inactive
P1D Modulated
P1A Inactive
P1B Modulated
P1C Active
P1D Inactive
Pulse
Width
(Single Output)
(Half-Bridge)
(Full-Bridge,
Forward)
(Full-Bridge,
Reverse)
Delay(1)
Delay(1)
Relationships:
•
Period = 4 * TOSC * (PR2 + 1) * (TMR2 Prescale Value)
•
Pulse Width = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 Prescale Value)
•
Delay = 4 * TOSC * (PWM1CON<6:0>)
Note
1:
Dead-band delay is programmed using the PWM1CON register (Section 16.4.6 “Programmable Dead-Band Delay
mode”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More